Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6222IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LT6222IGN
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6222IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6222IGN Datasheet HTML 12Page - Linear Technology LT6222IGN Datasheet HTML 13Page - Linear Technology LT6222IGN Datasheet HTML 14Page - Linear Technology LT6222IGN Datasheet HTML 15Page - Linear Technology LT6222IGN Datasheet HTML 16Page - Linear Technology LT6222IGN Datasheet HTML 17Page - Linear Technology LT6222IGN Datasheet HTML 18Page - Linear Technology LT6222IGN Datasheet HTML 19Page - Linear Technology LT6222IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT6220/LT6221/LT6222
16
sn622012 622012fs
PACKAGE DESCRIPTIO
As the signal level increases though, the output of the op
amp goes more negative. At 12.5µA of photodiode cur-
rent, the 100kΩ gain dictates that the LT6220 output will
be about 1.25V below ground. However, at that point the
emitter of Q2 will be at ground, and the base of Q1 will be
1V below ground. Thus, Q1 turns on and photodiode
current starts to flow through R2. The transimpedance
gain is therefore now reduced to R1||R2, or about 3.1kΩ.
The circuit response is shown in Figure 3. Note the smooth
transition between the two operating gains, as well as the
linearity.
Differential-In/Differential-Out Amplifier
The circuit of Figure 6 shows the LT6222 applied as a
buffered differential-in differential-out amplifier with a
gain of 2. Op amps A and B are configured as simple unity-
gain buffers, offering high input impedance to upstream
circuitry. Resistors R1 and R2 perform an averaging
function on the common mode input voltage and R3
attenuates it by a factor of 2/3 and references it to the
voltage source VOCM. The resultant voltage, VMID = 2/3 •
VICM, is placed at the noninverting inputs of op amps C and
D. The other four resistors set gains of +3 from the
noninverting input and –2 through the inverting path. Thus
the output voltage of the upper path is:
–OUT = 3 • (2/3 • VICM + 1/3 • VOCM) – 2
• (VICM + VDIFF/2)
= 2VICM + VOCM – 2VICM – VDIFF
= VOCM – VDIFF
Figure 4. 3V, 1MHz, 4th Order Butterworth Filter
Figure 5. Frequency Response of Filter
Figure 3. Stepped-Gain Photodiode Amplifier Response
PHOTO
CURRENT
100µA/DIV
VOUT
0.5V/DIV
5µs/DIV
622012 F03
Single 3V Supply, 1MHz, 4th Order Butterworth Filter
The circuit shown in Figure 4 makes use of the low voltage
operation and the wide bandwidth of the LT6221 to create
a DC accurate 1MHz 4th order lowpass filter powered from
a 3V supply. The amplifiers are configured in the inverting
mode for the lowest distortion and the output can swing
rail-to-rail for maximum dynamic range. Figure 5 displays
the frequency response of the filter. Stopband attenuation
is greater than 100dB at 50MHz.
1/2 LT6221
47pF
220pF
VIN
VS/2
909Ω
2.67k
909Ω
1/2 LT6221
22pF
VOUT
470pF
622012 F04
1.1k
2.21k
3V
1.1k
FREQUENCY (Hz)
–80
–40
0
–100
–60
–20
20
1k
100k
1M
10M
100M
622012 F05
–120
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com