Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6222IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LT6222IGN
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6222IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6222IGN Datasheet HTML 5Page - Linear Technology LT6222IGN Datasheet HTML 6Page - Linear Technology LT6222IGN Datasheet HTML 7Page - Linear Technology LT6222IGN Datasheet HTML 8Page - Linear Technology LT6222IGN Datasheet HTML 9Page - Linear Technology LT6222IGN Datasheet HTML 10Page - Linear Technology LT6222IGN Datasheet HTML 11Page - Linear Technology LT6222IGN Datasheet HTML 12Page - Linear Technology LT6222IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT6220/LT6221/LT6222
9
sn622012 622012fs
TYPICAL PERFOR A CE CHARACTERISTICS
VOS Distribution, VCM = 0V
(S8, PNP Stage)
INPUT OFFSET VOLTAGE (µV)
–250
30
40
50
150
622012 G01
20
10
25
35
45
15
5
0
–150
–50
0
50
250
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (µV)
–1000
30
40
50
600
622012 G02
20
10
25
35
45
15
5
0
–600
–200 0 200
1000
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (µV)
–2000
30
40
50
1200
622012 G03
20
10
25
35
45
15
5
0
–1200
–400
400
0
2000
VS = 5V, 0V
VCM = 5V
VOS Distribution, VCM = 0V
(SOT5, PNP Stage)
VOS Distribution, VCM = 5V
(S8, NPN Stage)
VOS Distribution, VCM = 5V
(SOT5, NPN Stage)
Supply Current vs Supply Voltage
Offset Voltage
vs Input Common Mode Voltage
INPUT OFFSET VOLTAGE (µV)
–3000
30
40
50
1800
622012 G04
20
10
25
35
45
15
5
0
–1800
–600 0 600
3000
VS = 5V, 0V
VCM = 5V
TOTAL SUPPLY VOLTAGE (V)
0
0
1
2
3
2
468
622012 G05
10
1
3
5
7
9
11 12
TA = 125°C
TA = –55°C
TA = 25°C
INPUT COMMON MODE VOLTAGE (V)
0
–700
–500
–300
–100
700
300
1
2
500
100
3
4
5
622012 G06
VS = 5V, 0V
TYPICAL PART
TA = –55°C
TA = 125°C
TA = 25°C
Input Bias Current
vs Common Mode Voltage
Input Bias Current
vs Temperature
Output Saturation Voltage
vs Load Current (Output Low)
COMMON MODE VOLTAGE (V)
0
0
200
400
4
622012 G07
–200
–400
–100
100
300
–300
–500
–600
1
2
3
5
6
VS = 5V, 0V
TA = –55°C
TA = 25°C
TA = 125°C
TEMPERATURE (°C)
–55
0.3
0.4
0.5
125
622012 G08
0.1
–0.2
–25
5
35
65
95
0.6
0.2
0
–0.1
VS = 5V, 0V
NPN ACTIVE
VCM = 5V
PNP ACTIVE
VCM = 1V
LOAD CURRENT (mA)
0.01
0.001
0.1
10
110
0.1
100
622012 G09
0.01
1
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com