Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6222IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LT6222IGN
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6222IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6222IGN Datasheet HTML 8Page - Linear Technology LT6222IGN Datasheet HTML 9Page - Linear Technology LT6222IGN Datasheet HTML 10Page - Linear Technology LT6222IGN Datasheet HTML 11Page - Linear Technology LT6222IGN Datasheet HTML 12Page - Linear Technology LT6222IGN Datasheet HTML 13Page - Linear Technology LT6222IGN Datasheet HTML 14Page - Linear Technology LT6222IGN Datasheet HTML 15Page - Linear Technology LT6222IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LT6220/LT6221/LT6222
12
sn622012 622012fs
TYPICAL PERFOR A CE CHARACTERISTICS
Common Mode Rejection Ratio
vs Frequency
Power Supply Rejection Ratio
vs Frequency
Series Output Resistor
vs Capacitive Load
FREQUENCY (MHz)
20
40
60
80
100
0.01
1
10
100
622012 G28
0
0.1
120
VS = 5V, 0V
FREQUENCY (MHz)
40
80
120
20
60
100
0.001
0.1
1
10
100
622012 G29
0
0.01
VS = 5V, 0V
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
CAPACITIVE LOAD (pF)
10
20
25
30
35
40
100
1000
10000
622012 G31
15
10
5
0
45
50
VS = 5V, 0V
AV = 1
RL = ∞, UNLESS NOTED
ROS = 10Ω
ROS = 20Ω
ROS = RL = 50Ω
Series Output Resistor
vs Capacitive Load
Maximum Undistorted Output
Signal vs Frequency
5V Large-Signal Response
CAPACITIVE LOAD (pF)
10
20
25
30
35
40
100
1000
10000
622012 G32
15
10
5
0
45
50
ROS = 10Ω
ROS = 20Ω
ROS = RL = 50Ω
VS = 5V, 0V
AV = 2
RL = ∞, UNLESS NOTED
FREQUENCY (MHz)
2.0
3.0
3.5
4.5
5.0
0
0.1
1
10
622012 G35
1.0
0.01
4.0
2.5
1.5 V
S = 5V, 0V
RL = 1k
AV = –1
AV = 2
1V/DIV
0V
VS = 5V, 0V
100ns/DIV
622012 G36
AV = 1
RL = 1k
5V Small-Signal Response
2.5V
VS = 5V, 0V
50ns/DIV
622012 G37
AV = 1
RL = 1k
50mV/DIV
FREQUENCY (MHz)
0.01
–70
–50
–30
0.1
1
10
622012 G33
–90
–80
–60
–40
–100
–110
VS = 5V, 0V
AV = 1
VOUT = 2VP-P
RL = 150Ω,
3RD
RL = 150Ω,
2ND
RL = 1k,
3RD
RL = 1k,
2ND
FREQUENCY (MHz)
0.01
–70
–50
–30
0.1
1
10
622012 G34
–90
–80
–60
–40
–100
–110
VS = 5V, 0V
AV = 2
VOUT = 2VP-P
RL = 150Ω,
3RD
RL = 150Ω,
2ND
RL = 1k,
3RD
RL = 1k,
2ND
Distortion vs Frequency
Distortion vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com