Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6222IGN Datasheet(PDF) 20 Page - Linear Technology

Part # LT6222IGN
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6222IGN Datasheet(HTML) 20 Page - Linear Technology

Back Button LT6222IGN Datasheet HTML 12Page - Linear Technology LT6222IGN Datasheet HTML 13Page - Linear Technology LT6222IGN Datasheet HTML 14Page - Linear Technology LT6222IGN Datasheet HTML 15Page - Linear Technology LT6222IGN Datasheet HTML 16Page - Linear Technology LT6222IGN Datasheet HTML 17Page - Linear Technology LT6222IGN Datasheet HTML 18Page - Linear Technology LT6222IGN Datasheet HTML 19Page - Linear Technology LT6222IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT6220/LT6221/LT6222
20
sn622012 622012fs
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0204 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1498/LT1499
Dual/Quad 10MHz, 6V/µs Rail-to-Rail Input/
High DC Accuracy, 475µV VOS(MAX) Max Supply Current 2.2mA/Amp,
Output CLOAD Op Amps
Wide Supply Range, 2.2V to 30V
LT1800/LT1801/LT1802 Single/Dual/Quad 80MHz, 25V/µs,
350µV VOS(MAX), 250nA IBIAS(MAX), Max Supply Current 2mA/Amp
Low Power Rail-to-Rail Input/Output Precision Op Amps
LT1803/LT1804/LT1805 Single/Dual/Quad 85MHz, 100V/µs
2mV VOS(MAX), Max Supply Current 3mA/Amp
Rail-to-Rail Input/Output Op Amps
LT1806/LT1807
Single/Dual 325MHz, 140V/µs Rail-to-Rail Input/
High DC Accuracy, 550µV VOS(MAX) Max Low Noise 3.5nV/√Hz
Output Op Amps
Low Distortion – 80dBc at 5MHz, Power Down (LT1806)
LT1809/LT1810
Single/Dual 180MHz, Rail-to-Rail Input/Output Op Amps
350V/µs Slew Rate, Low Distortion –90dBc at 5MHz,
Power Down (LT1809)
TYPICAL APPLICATIO
Figure 6. Buffered Gain of 2 Differential-In/Differential-Out Amplifier
–
+
A
1/4 LT6222
–
+
B
1/4 LT6222
–
+
D
1/4 LT6222
–
+
C
1/4 LT6222
R4
1k
R6
1k
VICM + VDIFF/2
+IN
VICM – VDIFF/2
–IN
VS = ±1.3V TO ±6V
BW ≅ 11MHz
R5
2k
R7
2k
5.6pF
5.6pF
R3
2k
–OUT
+OUT
622012 F06
VOCM
VS
+
VS
–
R1
2k
VMID
R2
2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com