Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6222IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT6222IGN
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6222IGN Datasheet(HTML) 4 Page - Linear Technology

  LT6222IGN Datasheet HTML 1Page - Linear Technology LT6222IGN Datasheet HTML 2Page - Linear Technology LT6222IGN Datasheet HTML 3Page - Linear Technology LT6222IGN Datasheet HTML 4Page - Linear Technology LT6222IGN Datasheet HTML 5Page - Linear Technology LT6222IGN Datasheet HTML 6Page - Linear Technology LT6222IGN Datasheet HTML 7Page - Linear Technology LT6222IGN Datasheet HTML 8Page - Linear Technology LT6222IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT6220/LT6221/LT6222
4
sn622012 622012fs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
●
90
500
µV
VCM = 0V (DD Package)
●
180
850
µV
VCM = 0V (S5 Package)
●
230
1250
µV
VCM = VS
●
0.5
3
mV
VCM = VS (S5 Package)
●
0.5
3.5
mV
∆VOS
Input Offset Voltage Shift
VS = 5V, VCM = 0V to 3.5V
●
30
280
µV
VS = 3V, VCM = 0V to 1.5V
●
15
190
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = 0V
●
110
850
µV
(Note 9)
VCM = 0V (DD Package)
●
180
1400
µV
VOS TC
Input Offset Voltage Drift (Note 8)
●
1.5
5
µV/°C
(S5 Package)
●
3.5
10
µV/°C
IB
Input Bias Current
VCM = 1V
●
20
175
nA
VCM = VS – 0.2V
●
275
800
nA
Input Bias Current Match (Channel-to-Channel)
VCM = 1V
●
15
200
nA
(Note 9)
VCM = VS – 0.2V
●
20
300
nA
IOS
Input Offset Current
VCM = 1V
●
15
125
nA
VCM = VS – 0.2V
●
15
125
nA
AVOL
Large Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k at VS/2
●
30
90
V/mV
VS = 5V, VO = 1V to 4V, RL = 100Ω at VS/2
●
3
9
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1k at VS/2
●
25
80
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = 0V to 3.5V
●
82
100
dB
VS = 3V, VCM = 0V to 1.5V
●
78
100
dB
CMRR Match (Channel-to-Channel) (Note 9)
VS = 5V, VCM = 0V to 3.5V
●
77
100
dB
VS = 3V, VCM = 0V to 1.5V
●
73
100
dB
Input Common Mode Range
●
0VS
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
●
81
104
dB
PSRR Match (Channel-to-Channel) (Note 9)
●
76
104
dB
Minimum Supply Voltage (Note 6)
●
2.2
2.5
V
VOL
Output Voltage Swing LOW (Note 7)
No Load
●
850
mV
ISINK = 5mA
●
110
220
mV
ISINK = 20mA
●
375
750
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
●
850
mV
ISOURCE = 5mA
●
150
300
mV
ISOURCE = 20mA
●
600
1100
mV
ISC
Short-Circuit Current
VS = 5V
●
20
40
mA
VS = 3V
●
20
30
mA
IS
Supply Current Per Amplifier
●
1
1.4
mA
GBW
Gain-Bandwidth Product
VS = 5V, Frequency = 1MHz
●
30
60
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4VP-P
●
918
V/µs
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the 0°C ≤ T
A ≤ 70°C
temperature range. VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com