Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6222IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT6222IGN
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6222IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6222IGN Datasheet HTML 6Page - Linear Technology LT6222IGN Datasheet HTML 7Page - Linear Technology LT6222IGN Datasheet HTML 8Page - Linear Technology LT6222IGN Datasheet HTML 9Page - Linear Technology LT6222IGN Datasheet HTML 10Page - Linear Technology LT6222IGN Datasheet HTML 11Page - Linear Technology LT6222IGN Datasheet HTML 12Page - Linear Technology LT6222IGN Datasheet HTML 13Page - Linear Technology LT6222IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT6220/LT6221/LT6222
10
sn622012 622012fs
TYPICAL PERFOR A CE CHARACTERISTICS
Output Saturation Voltage
vs Load Current (Output High)
Minimum Supply Voltage
Output Short-Circuit Current
vs Power Supply Voltage
Open-Loop Gain
Open-Loop Gain
Offset Voltage vs Output Current
Warm-Up Drift vs Time
Input Noise Voltage vs Frequency
LOAD CURRENT (mA)
0.01
0.001
0.1
10
110
0.1
100
622012 G10
0.01
1
VS = 5V, 0V
TA = –55°C
TA = 125°C
TA = 25°C
TOTAL SUPPLY VOLTAGE (V)
–0.6
–0.2
0.2
0.6
–0.4
0
0.4
1.5
2.5
3.5
4.5
622012 G11
5.5
1
02
3
4
5
TA = –55°C
TA = 125°C
TA = 25°C
POWER SUPPLY VOLTAGE (±V)
1.5
–70
–50
–30
–10
70
30
2
3
3.5
5
50
10
–60
–40
–20
60
20
40
0
2.5
4
4.5
622012 G12
TA = –55°C
TA = –55°C
SINKING
SOURCING
TA = 125°C
TA = 125°C
TA = 25°C
TA = 25°C
OUTPUT VOLTAGE (V)
0
–1000
–600
–200
200
0.5
1
1.5
2
622012 G13
2.5
600
1000
–800
–400
0
400
800
3
RL = 1k
VS = 3V, 0V
RL TO GND
RL = 100Ω
OUTPUT VOLTAGE (V)
0
200
600
1000
4
622012 G14
–200
–600
0
400
800
–400
–800
–1000
1
0.5
2
1.5
3
3.5
4.5
2.5
6
RL = 1k
VS = 5V, 0V
RL TO GND
RL = 100Ω
Open-Loop Gain
OUTPUT VOLTAGE (V)
–5
200
600
1000
3
622012 G15
–200
–600
0
400
800
–400
–800
–1000
–3
–4
–1
–2
12
4
0
5
RL = 1k
VS = ±5V
RL TO GND
RL = 100Ω
OUTPUT CURRENT (mA)
–75
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
45
622012 G16
–45
–15
15
75
30
–60
–30
0
60
VS = ±5V
TA = –55°C
TA = 125°C
TA = 25°C
TIME AFTER POWER-UP (SECONDS)
0
2
6
10
40
622012 G17
–2
–6
0
4
8
–4
–8
–10
10
5
20
15
30 35
45
25
50
LT6221
S8
VS = ±2.5V
LT6222
GN16
VS = ±2.5V
LT6220
SOT5
VS = ±2.5V
LT6222
GN16
VS = ±5V
LT6220
SOT5
VS = ±5V
LT6221
S8
VS = ±5V
FREQUENCY (kHz)
10
20
25
35
40
0.01
1
10
100
622012 G18
0
0.1
30
15
5
VS = 5V, 0V
NPN ACTIVE
VCM = 4.25V
PNP ACTIVE
VCM = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com