Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6222IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LT6222IGN
Description  Single/Dual/Quad 60MHz, 20V/us, Low Power, Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6222IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6222IGN Datasheet HTML 2Page - Linear Technology LT6222IGN Datasheet HTML 3Page - Linear Technology LT6222IGN Datasheet HTML 4Page - Linear Technology LT6222IGN Datasheet HTML 5Page - Linear Technology LT6222IGN Datasheet HTML 6Page - Linear Technology LT6222IGN Datasheet HTML 7Page - Linear Technology LT6222IGN Datasheet HTML 8Page - Linear Technology LT6222IGN Datasheet HTML 9Page - Linear Technology LT6222IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT6220/LT6221/LT6222
6
sn622012 622012fs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = –5V
80
500
µV
VCM = –5V (DD Package)
150
750
µV
VCM = –5V (S5 Package)
200
900
µV
VCM = 5V
0.7
2.5
mV
VCM = 5V (S5 Package)
0.7
3
mV
∆VOS
Input Offset Voltage Shift
VCM = –5V to 3.5V
70
675
µV
Input Offset Voltage Match (Channel-to-Channel) VCM = –5V
100
850
µV
VCM = –5V (DD Package)
150
1300
µV
IB
Input Bias Current
VCM = –4V
20
150
nA
VCM = 5V
250
700
nA
Input Bias Current Match (Channel-to-Channel)
VCM = –4V
15
175
nA
VCM = 5V
20
250
nA
IOS
Input Offset Current
VCM = –4V
15
100
nA
VCM = 5V
15
100
nA
Input Noise Voltage
0.1Hz to 10Hz
0.5
µVP-P
en
Input Noise Voltage Density
f = 10kHz
10
nV/√Hz
in
Input Noise Current Density
f = 10kHz
0.8
pA/√Hz
CIN
Input Capacitance
f = 100kHz
2
pF
AVOL
Large Signal Voltage Gain
VO = – 4V to 4V, RL = 1k
35
95
V/mV
VO = –2V to 2V, RL = 100Ω
3.5
10
V/mV
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3.5V
82
102
dB
CMRR Match (Channel-to-Channel)
77
100
dB
Input Common Mode Range
VS–
VS+
V
PSRR
Power Supply Rejection Ratio
VS+ = 2.5V to 10V, VS–= 0V, VCM = 0V
84
105
dB
PSRR Match (Channel-to-Channel)
79
105
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
5
40
mV
ISINK = 5mA
100
200
mV
ISINK = 20mA
325
650
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
5
40
mV
ISOURCE = 5mA
130
250
mV
ISOURCE = 20mA
475
900
mV
ISC
Short-Circuit Current
25
50
mA
IS
Supply Current Per Amplifier
1
1.5
mA
GBW
Gain-Bandwidth Product
Frequency = 1MHz
60
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V,
20
V/µs
Measure at VO = ±2V
FPBW
Full Power Bandwidth
VO = 8VP-P
0.8
MHz
HD
Harmonic Distortion
AV = 1, RL= 1k, VO = 2Vp-p, fc = 500kHz
–77.5
dBc
tS
Settling Time
0.01%, VSTEP = 5V, AV = 1, RL = 1k
375
ns
∆G
Differential Gain (NTSC)
AV = 2, RL = 1k
0.15
%
∆θ
Differential Phase (NTSC)
AV = 2, RL = 1k
0.6
Deg
ELECTRICAL CHARACTERISTICS
TA = 25°C, VS = ±5V, VCM = 0V, VOUT = 0V, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com