Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPIC12C509AF Datasheet(PDF) 39 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 39 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 35Page - Microchip Technology RFPIC12C509AF Datasheet HTML 36Page - Microchip Technology RFPIC12C509AF Datasheet HTML 37Page - Microchip Technology RFPIC12C509AF Datasheet HTML 38Page - Microchip Technology RFPIC12C509AF Datasheet HTML 39Page - Microchip Technology RFPIC12C509AF Datasheet HTML 40Page - Microchip Technology RFPIC12C509AF Datasheet HTML 41Page - Microchip Technology RFPIC12C509AF Datasheet HTML 42Page - Microchip Technology RFPIC12C509AF Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
© 2001 Microchip Technology Inc.
Preliminary
DS70031A-page 37
rfPIC12C509AG/509AF
7.4
Clock Output (CLKOUT)
The crystal oscillator feeds a divide-by-four circuit that
provides a clock output at the CLKOUT pin. The CLK-
OUT signal can be used as an input to the microcon-
troller or other external circuitry requiring a stable
reference frequency. Do not connect the CLKOUT sig-
nal to the PICmicro OSC1 input because the PICmicro
cannot run when there is no clock signal and therefore
cannot enable the transmitter oscillator. It is required
that the PICmicro be clocked externally or via the inter-
nal RC oscillator (see Section 8.2).
Connect CLKOUT to GP2/T0CKI input and use the
Timer0 module if the application requires a stable refer-
ence frequency.
CLKOUT is slew-rate limited in order to keep spurious
signal emissions as low as possible. The voltage swing
(VCLKOUT) depends on the capacitive loading (CLOAD)
on the CLKOUT pin (2 VPP at 5 pF).
7.5
Phase-Locked Loop (PLL)
The PLL consists of a phase-frequency detector (PFD),
charge pump, voltage-controlled oscillator (VCO), and
fixed divide-by-32 divider. An external loop filter is con-
nected to pin LF. The loop filter controls the dynamic
behavior of the PLL, primarily lock time and spur levels.
The application determines the loop filter requirements.
The rfPIC
™ employs a charge pump PLL that offers
many advantages over the classical voltage phase
detector PLL: infinite pull-in range and zero steady
state phase error. The charge pump PLL allows the
use of passive loop filters that are lower cost and mini-
mize noise. Charge pump PLLs have reduced flicker
noise thus limiting phase noise. Many of the classical
texts on PLLs do not cover this type of PLL, however,
today this is the most common type of PLL. This data
sheet briefly covers the general terms and design
requirements for the rfPIC. Detailed PLL design and
operation is beyond the scope of this data sheet. For
more information, the designer is referred to "
PLL Per-
formance, Simulation, and Design," Second Edition by
Dean Banerjee ISBN 0970820704. Banerjee covers
charge pump PLLs and loop filter selection.
The loop filter has a major impact on lock time and spur
levels. Lock time is the time it takes the PLL to lock on
frequency.
When the PLL is first powered on or is
changing frequencies, no data can be transmitted.
Lock time must be considered before data transmission
can begin. In addition to PLL lock time, the designer
must take into account the crystal oscillator start time of
approximately 1 ms. See Section 7.3 for more informa-
tion about the crystal oscillator. Reference spurs occur
at the carrier frequency plus and minus integer multi-
ples of the reference frequency. Phase noise refers to
noise generated by the PLL. Spur levels and phase
noise can increase the signal to noise ratio (SNR) of
the system and mask or degrade the transmitted sig-
nal.
The first order effect on PLL performance is loop band-
width.
Loop bandwidth (
ω
c) is defined as the point
where the open loop phase transfer function equals 0
dB. Selecting a small loop bandwidth results in lower
spur levels but slower lock time. Selecting a larger loop
bandwidth results in a faster lock time but higher spur
levels.
Second order effects on PLL performance is Phase
margin (
φ)and Damping factor(ζ). Phase margin is a
measure of PLL stability. Choosing a phase margin
that is too low will result in PLL instability. Choosing a
higher phase margin results in less ringing and faster
lock time at the expense of higher spur levels. Loop fil-
ters are typically designed for a total phase margin
between 30 and 70 degrees. The aim of the designer
is to choose a loop bandwidth and phase margin that
gives the fastest possible lock time and meets the spur
level requirements of the application.
Damping factor governs the second order transient
response that determines the shape of the exponential
envelope of the natural frequency.
The natural fre-
quency, also called ringing frequency, is the frequency
of the VCO steering voltage as the PLL settles. Lock
time is proportional to damping factor and inversely
proportional to loop bandwidth.
The application determines the loop filter component
requirements. For example, if the transmit frequency
selected is near band edges or restricted bands, spur
levels must be reduced to meet regulatory require-
ments. However, this will be at the expense of lock
time. For an FSK application, a larger damping factor
(
≅ 1.0) is desired so that there is less overshoot in the
keying of FSK. For an ASK application, a damping fac-
tor = 0.707 results in less settling time and near opti-
mum noise performance.
Figure 7-5 shows an example passive second order
loop filter circuit. Table 7-4 gives example loop filter
values for a crystal frequency of 13.56 MHz and trans-
mit frequency of 433.92 MHz.
Layout considerations - Shield each side of the clock
output trace with ground traces to isolate the CLK-
OUT signal and reduce coupling.
Layout considerations - Keep traces short and place
loop filter components as close as possible to the LF
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com