Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPIC12C509AF Datasheet(PDF) 79 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 79 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 75Page - Microchip Technology RFPIC12C509AF Datasheet HTML 76Page - Microchip Technology RFPIC12C509AF Datasheet HTML 77Page - Microchip Technology RFPIC12C509AF Datasheet HTML 78Page - Microchip Technology RFPIC12C509AF Datasheet HTML 79Page - Microchip Technology RFPIC12C509AF Datasheet HTML 80Page - Microchip Technology RFPIC12C509AF Datasheet HTML 81Page - Microchip Technology RFPIC12C509AF Datasheet HTML 82Page - Microchip Technology RFPIC12C509AF Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 104 page
background image
© 2001 Microchip Technology Inc.
Preliminary
DS70031A-page 77
rfPIC12C509AG/509AF
11.1
DC CHARACTERISTICS: rfPIC12C509AG/509AF (Industrial)
DC Characteristics
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
–40
°C ≤ TA ≤ +85°C (industrial)
Param
No.
Sym
Characteristic
Min Typ(1) Max Units
Conditions
D001
VDD
Supply Voltage
2.5
5.5
V
See Figures 11-1 through 11-2
D002
VDR
RAM Data Retention
Voltage(2)
1.5*
V
Device in SLEEP mode
D003
VPOR VDD Start Voltage to ensure
Power-on Reset
VSS
V
See section on Power-on Reset for details
D004
SVDD VDD Rise Rate to ensure
Power-on Reset
0.05
*
V/ms See section on Power-on Reset for details
D010
D010C
D010A
IDD
Supply Current(3)
-
-
-
0.4
0.4
115
0.8
0.8
31
mA
mA
µA
XT and EXTRC options (Note 4)
FOSC =4 MHz, VDD =2.5V
INTRC Option
FOSC =4 MHz, VDD =2.5V
LP Option, Industrial Temperature
FOSC =32 kHz, VDD =2.5V, WDTdisabled
D020
D021
D021B
IPD
Power-Down Current (5)
-0.2
4
µAVDD =2.5V, Industrial
∆IWDT
-2.0
5
µAVDD =2.5V, Industrial
1A
Fosc LP Oscillator Operating
Frequency
XT Oscillator Operating
Frequency
0
0
-
-
200
4
kHz
MHz
All temperatures
All temperatures
* These parameters are characterized but not tested.
Note 1: Data in the Typical (“Typ”) column is based on characterization results at 25
°C. This data is for design guid-
ance only and is not tested.
2: This is the limit to which VDD can be lowered in SLEEP mode without losing RAM data.
3: The supply current is mainly a function of the operating voltage and frequency. Other factors such as bus
loading, oscillator type, bus rate, internal code execution pattern, and temperature also have an impact on
the current consumption.
a) The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tristated, pulled to
Vss, T0CKI = VDD, MCLR = VDD; WDT enabled/disabled as specified.
b) For standby current measurements, the conditions are the same, except that
the device is in SLEEP mode.
4: Does not include current through REXT. The current through the resistor can be estimated by the
formula: IR =VDD/2REXT (mA) with REXT in kOhm.
5: The power down current in SLEEP mode does not depend on the oscillator type. Power down current is
measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com