Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPIC12C509AF Datasheet(PDF) 7 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 7 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 3Page - Microchip Technology RFPIC12C509AF Datasheet HTML 4Page - Microchip Technology RFPIC12C509AF Datasheet HTML 5Page - Microchip Technology RFPIC12C509AF Datasheet HTML 6Page - Microchip Technology RFPIC12C509AF Datasheet HTML 7Page - Microchip Technology RFPIC12C509AF Datasheet HTML 8Page - Microchip Technology RFPIC12C509AF Datasheet HTML 9Page - Microchip Technology RFPIC12C509AF Datasheet HTML 10Page - Microchip Technology RFPIC12C509AF Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 104 page
background image
© 2001 Microchip Technology Inc.
Preliminary
DS70031A-page 5
rfPIC12C509AG/509AF
TABLE 1-1:
rfPIC12C509AG/509AF DEVICE
rfPIC12C509AG
rfPIC12C509AF
Clock
Maximum Frequency
of Operation (MHz)
4
Memory
EPROM Program Memory
1024 x 12
RAM Data Memory (bytes)
41
Peripherals
EEPROM
Data Memory (bytes)
—
Timer Module(s)
TMR0
A/D Converter
(8-bit) Channels
—
Features
Transmitter
ASK
ASK, FSK
Wake-up
from SLEEP on pin change
Yes
Interrupt Sources
—
I/O Pins
5
Input Pins
1
Internal Pull-ups
Yes
In-Circuit
Serial Programming
Yes
Number of Instructions
33
Packages
18-pin JW, SOIC
20-pin JW, SSOP
The rfPIC12C509AG/509AF has Power-on Reset, selectable Watchdog Timer, select-
able code protect and high I/O current capability.
The rfPIC12C509AG/509AF has serial programming with data pin GP0 and clock pin
GP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com