Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPIC12C509AF Datasheet(PDF) 77 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 77 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 73Page - Microchip Technology RFPIC12C509AF Datasheet HTML 74Page - Microchip Technology RFPIC12C509AF Datasheet HTML 75Page - Microchip Technology RFPIC12C509AF Datasheet HTML 76Page - Microchip Technology RFPIC12C509AF Datasheet HTML 77Page - Microchip Technology RFPIC12C509AF Datasheet HTML 78Page - Microchip Technology RFPIC12C509AF Datasheet HTML 79Page - Microchip Technology RFPIC12C509AF Datasheet HTML 80Page - Microchip Technology RFPIC12C509AF Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
© 2001 Microchip Technology Inc.
Preliminary
DS70031A-page 75
rfPIC12C509AG/509AF
11.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Ambient Temperature under bias .............................................................................................................. -40°C to +85°C
Storage Temperature .............................................................................................................................. -40°C to +150°C
Absolute Maximum Ratings - PICmicro
Voltage on VDD with respect to VSS .................................................................................................................0 to +7.0 V
Absolute Maximum Ratings - Transmitter
Voltage on VDDRF with respect to VSSRF .....................................................................................................-0.3 to +7.0 V
Voltage on MCLR with respect to VSS...............................................................................................................0 to +14 V
Voltage on all other PICmicro pins with respect to VSS................................................................. -0.3 V to (VDD +0.3 V)
Voltage on all other Transmitter pins with respect to VSSRF ..........................................................-0.3 to (VDDRF +0.3 V)
Max. Current into RFEN pin .........................................................................................................................-1.0to 1.0 mA
Total Power Dissipation(1) .................................................................................................................................... 700 mW
Max. Current out of VSS pin .................................................................................................................................. 200 mA
Max. Current into VDD pin ..................................................................................................................................... 150 mA
Input Clamp Current, IIK (VI <0or VI >VDD) ........................................................................................................ ±20 mA
Output Clamp Current, IOK (VO <0or VO >VDD).................................................................................................. ±20 mA
Max. Output Current sunk by any I/O pin................................................................................................................ 25 mA
Max. Output Current sourced by any I/O pin........................................................................................................... 25 mA
Max. Output Current sourced by I/O port (GPIO).................................................................................................. 100 mA
Max. Output Current sunk by I/O port (GPIO )...................................................................................................... 100 mA
Note 1: Power Dissipation is calculated as follows: PDIS =VDD x{IDD -
∑ IOH}+ ∑ {(VDD-VOH)x IOH}+ ∑(VOL xIOL)
†NOTICE: Stresses above those listed under "Maximum Ratings" may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operation listings of this specification is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com