Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPIC12C509AF Datasheet(PDF) 96 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 96 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 92Page - Microchip Technology RFPIC12C509AF Datasheet HTML 93Page - Microchip Technology RFPIC12C509AF Datasheet HTML 94Page - Microchip Technology RFPIC12C509AF Datasheet HTML 95Page - Microchip Technology RFPIC12C509AF Datasheet HTML 96Page - Microchip Technology RFPIC12C509AF Datasheet HTML 97Page - Microchip Technology RFPIC12C509AF Datasheet HTML 98Page - Microchip Technology RFPIC12C509AF Datasheet HTML 99Page - Microchip Technology RFPIC12C509AF Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
rfPIC12C509AG/509AF
DS70031A-page 94
Preliminary
© 2001 Microchip Technology Inc.
Package Type: 18-Lead CERDIP
18-Lead Ceramic Dual In-line with Window (JW) - 300 mil (CERDIP)
3.30
3.56
3.81
5.33
5.08
4.83
.210
.200
.190
W2
Window Length
.150
.140
.130
W1
Window Width
10.80
9.78
8.76
.425
.385
.345
eB
Overall Row Spacing
§
0.53
0.47
0.41
.021
.019
.016
B
Lower Lead Width
1.52
1.40
1.27
.060
.055
.050
B1
Upper Lead Width
0.30
0.25
0.20
.012
.010
.008
c
Lead Thickness
3.81
3.49
3.18
.150
.138
.125
L
Tipto SeatingPlane
23.37
22.86
22.35
.920
.900
.880
D
Overall Length
7.49
7.37
7.24
.295
.290
.285
E1
Ceramic Pkg. Width
8.26
7.94
7.62
.325
.313
.300
E
Shoulder to Shoulder Width
0.76
0.57
0.38
.030
.023
.015
A1
Standoff
4.19
4.06
3.94
.165
.160
.155
A2
Ceramic Package Height
4.95
4.64
4.32
.195
.183
.170
A
Top to Seating Plane
2.54
.100
p
Pitch
18
18
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
1
2
D
n
W2
E1
W1
c
eB
E
p
L
A2
B
B1
A
A1
* Controlling Parameter
§ Significant Characteristic
JEDEC Equivalent: MO-036
Drawing No. C04-010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com