Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPIC12C509AF Datasheet(PDF) 52 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 52 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 48Page - Microchip Technology RFPIC12C509AF Datasheet HTML 49Page - Microchip Technology RFPIC12C509AF Datasheet HTML 50Page - Microchip Technology RFPIC12C509AF Datasheet HTML 51Page - Microchip Technology RFPIC12C509AF Datasheet HTML 52Page - Microchip Technology RFPIC12C509AF Datasheet HTML 53Page - Microchip Technology RFPIC12C509AF Datasheet HTML 54Page - Microchip Technology RFPIC12C509AF Datasheet HTML 55Page - Microchip Technology RFPIC12C509AF Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 104 page
background image
rfPIC12C509AG/509AF
DS70031A-page 50
Preliminary
© 2001 Microchip Technology Inc.
FIGURE 8-9:
TIME-OUT SEQUENCE ON POWER-UP (MCLR TIED TO VDD): SLOW VDD RISE
TIME
8.5
Device Reset Timer (DRT)
In the rfPIC12C509AG/509AF, DRT runs from RESET
and varies based on oscillator selection (see Table 8-
5).
The DRT operates on an internal RC oscillator. The
processor is kept in RESET as long as the DRT is
active. The DRT delay allows VDD to rise above VDD
min., and for the oscillator to stabilize.
Oscillator circuits based on crystals or ceramic resona-
tors require a certain time after power-up to establish a
stable oscillation. The on-chip DRT keeps the device in
a RESET condition for approximately 18 ms after
MCLR has reached a logic high (VIHMCLR) level. Thus,
programming GP3/MCLR/VPP as MCLR and using an
external RC network connected to the MCLR input is
not required in most cases, allowing for savings in cost-
sensitive and/or space restricted applications, as well
as allowing the use of the GP3/MCLR/VPP pin as a
general purpose input.
The Device Reset time delay will vary from chip to chip
due to VDD, temperature, and process variation. See
AC parameters for details.
The DRT will also be triggered upon a Watchdog Timer
time-out. This is particularly important for applications
using the WDT to wake from SLEEP mode automati-
cally.
8.6
Watchdog Timer (WDT)
The rfPIC12C509AG/509AF has a Watchdog Timer
which can be shut off only through configuration bit
WDTE. It runs off of its own RC oscillator for added reli-
ability. If using XT or LP selectable oscillator options,
there is always an 18 ms (nominal) delay provided by
the Device Reset Timer (DRT), intended to keep the
chip in RESET until the crystal oscillator is stable. If
using INTRC or EXTRC there is an 18 ms delay only on
VDD power-up. With this timer on-chip, most applica-
tions need no external RESET circuitry.
The Watchdog Timer (WDT) is a free running on-chip
RC oscillator which does not require any external com-
ponents. This RC oscillator is separate from the exter-
nal RC oscillator of the GP5/OSC1/CLKIN pin and the
internal 4 MHz oscillator. That means that the WDT will
run even if the main processor clock has been stopped,
for example, by execution of a SLEEP instruction. Dur-
ing normal operation or SLEEP, a WDT Reset or wake-
up Reset generates a device RESET.
The TO bit (STATUS<4>) will be cleared upon a Watch-
dog Timer Reset.
The WDT can be permanently disabled by program-
ming the configuration bit WDTE as a '0' (Section 8.1).
Refer to the PIC12C5XX Programming Specifications
to determine how to access the configuration word.
TABLE 8-5:
DRT (DEVICE RESET TIMER
PERIOD)
VDD
MCLR
INTERNAL POR
DRT TIME-OUT
INTERNAL RESET
TDRT
V1
When VDD rises slowly, the TDRT time-out expires long before VDD has reached its final
value. In this example, the chip will RESET properly if, and only if, V1
≥ VDD min.
Oscillator
Configuration
POR Reset
Subsequent
RESETS
IntRC &
ExtRC
18 ms (typical)
300 µs (typical)
XT & LP
18 ms (typical)
18 ms (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com