Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPIC12C509AF Datasheet(PDF) 46 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 46 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 42Page - Microchip Technology RFPIC12C509AF Datasheet HTML 43Page - Microchip Technology RFPIC12C509AF Datasheet HTML 44Page - Microchip Technology RFPIC12C509AF Datasheet HTML 45Page - Microchip Technology RFPIC12C509AF Datasheet HTML 46Page - Microchip Technology RFPIC12C509AF Datasheet HTML 47Page - Microchip Technology RFPIC12C509AF Datasheet HTML 48Page - Microchip Technology RFPIC12C509AF Datasheet HTML 49Page - Microchip Technology RFPIC12C509AF Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 104 page
background image
rfPIC12C509AG/509AF
DS70031A-page 44
Preliminary
© 2001 Microchip Technology Inc.
8.2
Oscillator Configurations
8.2.1
OSCILLATOR TYPES
The oscillator frequency is a primary factor in determin-
ing PICmicro microcontroller unit (MCU) current draw.
As a rough guideline, the rfPIC12C509AG/509AF
draws approximately 250
µA per MHz.
The rfPIC12C509AG/509AF can be operated in four
different oscillator modes. The user can program two
configuration bits (FOSC1:FOSC0) to select one of
these four modes:
• LP:
Low Power Crystal
• XT:
Crystal/Resonator
• INTRC: Internal 4 MHz Oscillator
• EXTRC: External Resistor/Capacitor
8.2.2
CRYSTAL OSCILLATOR / CERAMIC
RESONATORS
In XT or LP modes, a crystal or ceramic resonator is
connected to the GP5/OSC1/CLKIN and GP4/OSC2
pins
to
establish
oscillation
(Figure 8-2).
The
rfPIC12C509AG/509AF oscillator design requires the
use of a parallel cut crystal. Use of a series cut crystal
may give a frequency out of the crystal manufacturers
specifications. When in XT or LP modes, the device
can have an external clock source drive the GP5/
OSC1/CLKIN pin (Figure 8-3).
FIGURE 8-2:
CRYSTAL OPERATION (OR
CERAMIC RESONATOR)
(XT OR LP OSC
CONFIGURATION)
FIGURE 8-3:
EXTERNAL CLOCK INPUT
OPERATION (XT OR LP OSC
CONFIGURATION)
TABLE 8-1:
CAPACITOR SELECTION
FOR CERAMIC RESONATORS
- rfPIC12C509AG/509AF
TABLE 8-2:
CAPACITOR SELECTION
FOR CRYSTAL OSCILLATOR -
rfPIC12C509AG/509AF
Note 1: See Capacitor Selection tables for
recommended values of C1 and C2.
2: A series resistor (RS) may be required
for AT strip cut crystals.
3: RF approximate value = 10 M
Ω.
C1
(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
SLEEP
To internal
logic
RS(2)
rfPIC12C509AG/509AF
Osc
Type
Resonator
Freq
Cap. Range
C1
Cap. Range
C2
XT
4.0 MHz
30 pF
30 pF
These values are for design guidance only. Since
each resonator has its own characteristics, the user
should consult the resonator manufacturer for
appropriate values of external components.
Osc
Type
Resonator
Freq
Cap.Range
C1
Cap. Range
C2
LP
32 kHz(1)
15 pF
15 pF
XT
200 kHz
1MHz
4MHz
47-68 pF
15 pF
15 pF
47-68 pF
15 pF
15 pF
Note 1: For VDD >4.5V, C1 =C2
≈ 30 pF is
recommended.
These values are for design guidance only. Rs may
be required to avoid overdriving crystals with low
drive level specification. Since each crystal has its
own characteristics, the user should consult the crys-
tal manufacturer for appropriate values of external
components.
Clock from
ext. system
OSC1
OSC2
Open
rfPIC12C509AG/509AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com