Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPIC12C509AF Datasheet(PDF) 9 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 9 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 5Page - Microchip Technology RFPIC12C509AF Datasheet HTML 6Page - Microchip Technology RFPIC12C509AF Datasheet HTML 7Page - Microchip Technology RFPIC12C509AF Datasheet HTML 8Page - Microchip Technology RFPIC12C509AF Datasheet HTML 9Page - Microchip Technology RFPIC12C509AF Datasheet HTML 10Page - Microchip Technology RFPIC12C509AF Datasheet HTML 11Page - Microchip Technology RFPIC12C509AF Datasheet HTML 12Page - Microchip Technology RFPIC12C509AF Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
© 2001 Microchip Technology Inc.
Preliminary
DS70031A-page 7
rfPIC12C509AG/509AF
2.0
rfPIC12C509AG/509AF DEVICE
VARIETIES
A variety of packaging options are available. Depend-
ing on application and production requirements, the
proper device option can be selected using the infor-
mation in this section. When placing orders, please use
the rfPIC12C509AG/509AF Product Identification Sys-
tem at the back of this data sheet to specify the correct
part number.
2.1
UV Erasable Devices
The UV erasable version, offered in a windowed
ceramic DIP package, is optimal for prototype devel-
opment and pilot programs.
TheUVerasableversion
canbeerasedand
reprogrammed to any of the configuration modes.
Microchip's PICSTART® PLUS and PRO MATE® pro-
grammers
all
support
programming
of
the
rfPIC12C509AG/509AF. Third party programmers also
are available; refer to the
Microchip Third Party Guide
(DS00104) for a list of sources.
2.2
One-Time-Programmable (OTP)
Devices
The availability of OTP devices is especially useful for
customers who need the flexibility for frequent code
updates or small volume applications.
The OTP devices, packaged in plastic packages permit
the user to program them once. In addition to the
program memory, the configuration bits must also be
programmed.
2.3
Quick-Turnaround-Production
(QTP)Devices
Microchip offers a QTP Programming Service for
factory production orders. This service is made
available for users who choose not to program a
medium to high quantity of units and whose code
patterns have stabilized. The devices are identical to
the OTP devices but with all EPROM locations and
fuse options already programmed by the factory.
Certain code and prototype verification procedures do
apply before production shipments are available.
Please contact your local Microchip Technology sales
office for more details.
2.4
Serialized Quick-Turnaround
Production (SQTPSM) Devices
Microchip offers a unique programming service where
a few user-defined locations in each device are
programmed with different serial numbers. The serial
numbers
may
be
random,
pseudo-random
or
sequential.
Serial programming allows each device to have a
unique number which can serve as an entry-code,
password or ID number.
Note:
Please note that erasing the device will
also erase the pre-programmed internal
calibration value for the internal oscillator.
The calibration value must be saved prior
to erasing the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com