Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371QESTTC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXLD1371QESTTC Datasheet HTML 1Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 2Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 3Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 4Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 5Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 6Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 7Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
4 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
ESD Susceptibility
ESD Susceptibility
Rating
Unit
HBM
Human Body Model
1,500
V
CDM
Charged Device Model
1,000
V
Caution:
Semiconductor devices are ESD sensitive and may be damaged by exposure to ESD events. Suitable ESD precautions should be taken when
handling and transporting these devices.
Package Thermal Data
Thermal Resistance
Package
Typical
Unit
Junction-to-Ambient, JA (Note 7)
TSSOP-16 EP
50
°C/W
Junction-to-Case, JC
TSSOP-16 EP
23
°C/W
Recommended Operating Conditions (Note 6) (-40°C ≤ TJ ≤ +125°C)
Symbol
Parameter
Performance/Comment
Min
Max
Unit
VIN
Input supply voltage range
Normal Operation
8.0
60
V
(Note 8) Reduced performance
operation
5.0
8.0
VAUX
Auxiliary supply voltage range (Note 9)
Normal Operation
8.0
60
V
(Note 8) Reduced performance
operation
5.0
8.0
VSENSE
Differential input voltage
VIN-VISM
, with 0 ≤ VADJ ≤ 2.5
0
450
mV
VADJ
External DC control voltage applied to ADJ pin to adjust
output current
DC brightness control mode
from 10% to 100%
0.125
1.25
V
IREF
Reference external load current
REF sourcing current
—
1
mA
fmax
Recommended switching frequency range
(Note 10)
300
1000
kHz
VTADJ
Temperature adjustment (TADJ) input voltage range
—
0
VREF
V
fPWM
Recommended PWM dimming frequency range
To achieve 1000:1 resolution
100
500
Hz
To achieve 500:1 resolution
100
1,000
Hz
tPWMH/L
PWM pulse width in dimming mode
PWM input high or low
0.002
10
ms
VPWMH
PWM pin high level input voltage
—
2
5.5
V
VPWML
PWM pin low level input voltage
—
0
0.4
V
TJ
Operating Junction Temperature Range
—
-40
+125
°C
GI
Gain setting ratio for boost and buck-boost modes
Ratio= VGI/VADJ
0.20
0.50
—
Notes:
7.
Measured on “High Effective Thermal Conductivity Test Board" according to JESD51.
8.
Device starts up above 5.4V and as such the minimum applied supply voltage has to be above 5.4V (plus any noise margin). The ZXLD1371Q
will, however, continue to function when the input voltage is reduced from  8V down to 5.0V.
When operating with input voltages below 8V the output current and device parameters may deviate from their normal values; and is dependent
on power MOSFET switch, load and ambient temperature conditions. To ensure best operation in Boost and Buck-Moost Modes with input
voltages, VIN, between 5.0 and 8V a suitable boot-strap network on VAUX pin is recommended.
Performance in Buck Mode will be reduced at input voltages (VIN, VAUX) below 8V. – a boot-strap network cannot be implemented in Buck Mode.
9.
VAUX can be driven from a voltage higher than VIN to provide higher efficiency at low VIN voltages, but to avoid false operation; a voltage should
not be applied to VAUX in the absence of a voltage at VIN. VAUX can also be operated at a lower voltage than VIN to increase efficiencies at high
VIN.
10. The device contains circuitry to control the switching frequency to approximately 400kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com