Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371QESTTC Datasheet(PDF) 33 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 33 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 29Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 30Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 31Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 32Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 33Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 34Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 35Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 36Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 37Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
33 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Application Information (cont.)
LED current can be adjusted digitally, by applying a low
frequency PWM logic signal to the PWM pin to turn the controller
on and off.
This will produce an average output current
proportional to the duty cycle of the control signal. During PWM
operation, the device remains powered up and only the output
switch is gated by the control signal.
The PWM signal can achieve very high LED current resolution.
In fact, dimming down from 100% to 0, a minimum pulse width of
2µs can be achieved resulting in very high accuracy. While the
maximum recommended pulse is for the PWM signal is10ms.
Figure 12 PWM Dimming Minimum and Maximum
Pulse
The device can be put in standby by taking the PWM pin to ground, or pulling it to a voltage below 0.4V with a suitable open collector NPN
or open drain NMOS transistor, for a time exceeding 15ms (nominal). In the shutdown state, most of the circuitry inside the device is
switched off and residual quiescent current will be typically 90µA. In particular, the Status pin will go down to GND while the FLAG and
REF pins will stay at their nominal values.
Figure 13 Stand-by State From PWM Signal
Thermal Control of LED Current
For thermal control of the LEDs, the ZXLD1371Q monitors the voltage on the TADJ pin and reduces output current if the voltage on this pin
falls below 625mV. An external NTC thermistor and resistor can therefore be connected as shown below to set the voltage on the TADJ pin
to 625mV at the required temperature threshold. This will give 100% LED current below the threshold temperature and a falling current
above it as shown in the graph. The temperature threshold can be altered by adjusting the value of Rth and/or the thermistor to suit the
requirements of the chosen LED.
The Thermal Control feature can be disabled by connecting TADJ directly to REF.
Here is a simple procedure to design the thermal feedback circuit:
1)
Select the temperature threshold Tthreshold at which the current must start to decrease
2)
Select the Thermistor TH1 (both resistive value at +
25˚C and beta
3)
Select the value of the resistor Rth as Rth = TH at Tthreshold
PWM
0V
< 10 ms
0V
2µs
Gate
< 10 ms
2µs
STATUS
0V
PWM
~15ms
0V
Standby
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com