Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371QESTTC Datasheet(PDF) 27 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 27 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 24Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 25Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 28Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 29Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 30Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 31Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
27 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Application Information (cont.)
The ZXLD1371Q
sets the ripple current, ΔIL, to between nominally 10% and 30% of the mean coil current, ICOIL, which is found from
Equation 8. The device adjusts the ripple current within this range in order to regulate the switching frequency. We therefore need to use a
ΔIL value of 20% of ICOIL to find an inductance which is optimized for the input voltage range. The range of ripple current control is also
modulated by other circuit parameters as follows.
ILMA
0.0
0.24
VADJ
V E
1 D
GI ADJ
ICOIL
ILMI
0.02 0.0
VADJ
V E
1 D
GI ADJ
ICOIL
Equation 20
ILMID
0.04 0.1
VADJ
V E
1 D
GI ADJ
ICOIL
If ADJ is connected to REF, this simplifies to
ILMA
0.
1 D
GI ADJ
ICOIL
ILMI
0.1
1 D
GI ADJ
ICOIL
Equation 20a
ILMID
0.2
1 D
GI ADJ
ICOIL
Where
ΔILMID is the value we must use in Equation 18. We have now established the inductance value.
The chosen coil should saturate at a current greater than the peak sensed current. This saturation current is the DC current for which the
inductance has decreased by 10% compared to the low current value.
Assuming ±10% ripple current, we can find this peak current from Equation 8, adjusted for ripple current:
ICOILPEAK = 1.1 ILED
for Buck
ICOILPEAK = 1.1 IINMAX
for Boost
Equation 21
ICOILPEAK = 1.1 IINMAX + ILED
for Buck-boost
where IINMAX is the value of IIN at minimum VIN.
The mean current rating is also a factor, but normally the saturation current is the limiting factor.
The following websites may be useful in finding suitable components:
www.coilcraft.com
www.niccomp.com
www.wuerth-elektronik.de
MOSFET Selection
The ZXLD1371Q requires an external NMOS FET as the main power switch with a voltage rating at least 15% higher than the maximum
circuit voltage to ensure safe operation during the overshoot and ringing of the switch node. The current rating is recommended to be at
least 10% higher than the average transistor current. The power rating is then verified by calculating the resistive and switching power
losses.
Resistive Power Losses
The resistive power losses are calculated using the RMS transistor current and the MOSFET on-resistance.
Calculate the current for the different topologies as follows:
Buck Mode
Boost / Buck-Boost Mode
switching
P
resistiv e
P
P
LED
I
MOSFETMAX
I
MAX
D
1
LED
I
MOSFETMAX
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com