Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371QESTTC Datasheet(PDF) 20 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 20 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 16Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 17Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 18Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 19Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 20Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 21Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 22Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 23Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 24Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
20 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Application Information
The ZXLD1371Q is a high accuracy hysteretic inductive buck/boost/buck-boost controller designed to be used with an external NMOS
switch for current-driving single or multiple series-connected LEDs. The device can be configured to operate in buck, boost, or buck-boost
modes by suitable configuration of the external components as shown in the schematics shown in the device operation description.
DEVICE DESCRIPTION
a) Buck Mode
– the most simple buck circuit is shown in Figure 1
Control of the LED current buck mode is achieved by sensing the
coil current in the sense resistor Rs, connected between the two
inputs of a current monitor within the control loop block. An output
from the control loop drives the input of a comparator which drives
the gate of the external NMOS switch transistor Q1 via the internal
Gate Driver. When the switch is on, the drain voltage of Q1 is near
zero.
Current flows from VIN, via Rs, LED, coil and switch to
ground. This current ramps up until an upper threshold value is
reached (see Figure 2). At this point GATE goes low, the switch is
turned off and the drain voltage increases to VIN plus the forward
voltage, VF, of the schottky diode D1. Current flows via Rs, LED,
coil and D1 back to VIN. When the coil current has ramped down
to a lower threshold value, GATE goes high, the switch is turned
on again and the cycle of events repeats, resulting in continuous
oscillation. The feedback loop adjusts the NMOS switch duty cycle
to stabilize the LED current in response to changes in external
conditions, including input voltage and load voltage.
Figure 1. Buck configuration
The average current in the sense resistor, LED and coil is equal to
the average of the maximum and minimum threshold currents. The
ripple current (hysteresis) is equal to the difference between the
thresholds. The control loop maintains the average LED current at
the set level by adjusting the switch duty cycle continuously to force
the average sense resistor current to the value demanded by the
voltage on the ADJ pin. This minimizes variation in output current
with changes in operating conditions.
The control loop also regulates the switching frequency by varying
the level of hysteresis. The hysteresis has a defined minimum (typ
5%) and a maximum (typ 30%). The frequency may deviate from
nominal in some conditions. This depends upon the desired LED
current, the coil inductance and the voltages at the input and the
load. Loop compensation is achieved by a single external capacitor
C2, connected between SHP and SGND.
The control loop sets the duty cycle so that the sense voltage is
VSE SE 0.21
VADJ
V E
Therefore,
ILED
0.21
S
VADJ
V E
(Buck mode)
Equation
1
If the ADJ pin is connected to the REF pin, this simplifies to
ILED
0.21
S
(Buck mode).
Figure 2. Operating waveforms (Buck mode)
GATE
voltage
+11V to
15V typ.
0V
Q1
Drain
voltage
VIN + VF
0V
Coil &
LED
current
0A
IPK
Sense
voltage
VIN - VISM
Mean = 218mV
tOFF
tON
VIN
VAUX
ISM
GATE
FLAG
STATUS
SHP
REF
TADJ
ADJ
PWM
GI
SGND PGND
ZXLD1371
C2
330pF
Q1
L1
Rs
VIN
0.15
Ω
LED1...n
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com