Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371QESTTC Datasheet(PDF) 36 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 36 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 32Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 33Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 34Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 35Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 36Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 37Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 38Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 39Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 40Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
36 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Application Information (cont.)
In the event of more than one fault/warning condition occurring, the higher severity condition will take precedenc
e. E.g. ‘Excessive coil
current’ and ‘Out of regulation’ occurring together will produce an output of 0.9V on the STATUS pin.
If VADJ>1.7V, VSENSE may be greater than the excess coil current threshold in normal operation and an error will be reported. Hence,
STATUS and FLAG are only guaranteed for VADJ<=VREF.
Diagnostic signals should be ignored during device start-
up for 100μs. The device start-up sequence will be initiated both during the first
power on of the device or after the PWM signal is kept low for more than 15ms, initiating the standby state of the device.
In particular, during the first 100μs the diagnostic is signaling an overcurrent then an out-of-regulation status. These two events are due to
the charging of the inductor and are not true fault conditions.
Figure 16 Diagnostic during Start-up
Reduced Input Voltage Operation
To facilitate operation in automotive and other applications, that have large transient reductions in system supply voltage, the ZXLD1371Q
is now capable of operating down to input voltages as low as 5.0V. Care must be taken when operating at these lower supply voltages to
ensure that the external MOSFET is correctly enhanced and that the boosting ratio is not increased to excessive amounts where both the
duty cycle and peak-switch current limits are not exceeded. The device will operate down to 5.0V, but for reliable start-up VIN must be
higher than 5.4V. The designer should also take into account any noise that may occur on the supply lines.
In Buck-Boost and Boost Modes (most common topologies for applications likely to require transient operation down to supply voltages
approaching 5.0V) as the input voltage reduces then the peak switch current will increase the ZXLD1371Q compensates for this by
allowing the sense voltage to increase while maintaining regulation of the LED current. However if the boost ratio (switch output
voltage/input voltage) is increased too much then the sense voltage could be increased too much causing an over-current flag to be
triggered and/or loss of regulation.
In addition to this, increased power dissipation will occur in the external MOSFET switch
– especially if the external MOSFET has a large
threshold. One way of overcoming this is to apply a boot-strap network to the VAUX pin
– see next section.
If the ZXLD1371Q is used in Buck Mode at low voltages then the boot-strap network cannot be implemented and so a low threshold
MOSFET with low gate capacitance should be used. Some loss of regulation is expected to occur at voltages below 6V
– see Buck mode
Typical Characteristics Section.
When using the ZXLD1371Q in applications with transient input voltage excursions we recommend using the web calculator to optimize
operation over the normal operating band. Then change the input range to include the transient excursion while keeping the optimized
component selection to check expected function during the transient input voltage conditions.
VREF
0V
Over
Current
225mV/R1
0A
Out of
regulation
100us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com