Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371QESTTC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1371QESTTC Datasheet HTML 1Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 2Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 3Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 4Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 5Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 6Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 7Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
1 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK/
BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
Description
The ZXLD1371Q is an LED driver controller IC for driving external
MOSFETs to drive high current LEDs. It is a multi-topology controller
enabling it to efficiently control the current through series connected
LEDs. The multi-topology enables it to operate in buck, boost and
buck-boost configurations.
The 60V capability coupled with its multi-topology capability enables it
to be used in a wide range of applications and drive in excess of 15
LEDs in series.
The ZXLD1371Q is a modified hysteretic controller using a patent
pending control scheme providing high output current accuracy in all
three modes of operation. High accuracy dimming is achieved through
DC control and high frequency PWM control.
The ZXLD1371Q uses two pins for fault diagnosis. A flag output
highlights a fault, while the multi-level status pin gives further
information on the exact fault.
The ZXLD1371Q is qualified to AEC-Q100 Grade 1 and is Automotive
Grade supporting PPAPs.
Pin Assignments
Typical Application Circuit
Buck-Boost Diagram Utilizing Thermistor and TADJ
Features
0.5% Typical Output Current Accuracy
5 to 60V Operating Voltage Range
LED Driver Supports Buck, Boost and Buck-Boost
Configurations
Wide Dynamic Range Dimming
10:1 DC Dimming
1000:1 Dimming Range at 500Hz
Up to 1MHz Switching
High Temperature Control of LED Current Using TADJ
Available in Thermally Enhanced TSSOP-16EP Package with
Green Molding Compound
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Automotive Grade
Qualified to AEC-Q100 Grade 1 and TS16949 Certification
PPAP Capable (Note 4)
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more in
formation about Diodes Incorporated’s definitions of Halogen- and Antimony-free,
"Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. Automotive products are AEC-Q100 qualified and are PPAP capable. Automotive, AEC-Q100 and standard products are electrically and
thermally the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
ADJ
REF
TADJ
SHP
STATUS
SGND
PGND
N/C
GI
PWM
FLAG
ISM
VIN
VAUX
GATE
N/C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TSSOP-16EP
C2
330pF
ZXLD1371
L1
33µH
TH1
10k
R4
1.8k
RGI2
75k
RGI1
24k
C1
10µF
C
OUT
10µF
D1
PDS3100
Q1
DMN6068LK3
R1
0R05
PWM
VAUX VIN
ISM
GI
ADJ
REF
TADJ
SHP
SGND PGND
GATE
FLAG
STATUS
NC
Thermally connected
VIN 8V to 22V
1 to 6
LEDs
ILED = 1A


Similar Part No. - ZXLD1371QESTTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1371QESTTC DIODES-ZXLD1371QESTTC Datasheet
1Mb / 42P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
FEBRUARY 2012
More results

Similar Description - ZXLD1371QESTTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Rev 3
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
Rev 2
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
FEBRUARY 2012
ZXLD1366Q DIODES-ZXLD1366Q Datasheet
1Mb / 29P
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
Rev 1
ZXLD1370Q DIODES-ZXLD1370Q Datasheet
1Mb / 37P
AUTOMOTIVE COMPLIANT 60V HIGH ACCURACY
Rev 1
ZXLD1366Q DIODES-ZXLD1366Q_18 Datasheet
1Mb / 32P
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
Rev 2
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
Rev 6
ZXLD1370Q DIODES-ZXLD1370Q_18 Datasheet
1Mb / 39P
AUTOMOTIVE COMPLIANT 60V HIGH ACCURACY BUCK/
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com