Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371QESTTC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXLD1371QESTTC Datasheet HTML 1Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 2Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 3Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 4Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 5Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 6Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 7Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 8Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
3 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Pin Descriptions (continued)
Pin Name
Pin
Type
(Note 5)
Function
SGND
6
P
Signal Ground (Connect to 0V)
PGND
7
P
Power Ground - Connect to 0V and pin 8 to maximize copper area
N/C
8
-
Not Connected Internally
– recommend connection to pin 7, (PGND), to maximize PCB copper for
thermal dissipation
N/C
9
Not Connected Internally
– recommend connection pin 10 (GATE) to permit wide copper trace to
gate of MOSFET
GATE
10
O
Gate Drive Output to External NMOS Transistor
– Connect to Pin 9
VAUX
11
P
Auxiliary Positive Supply to Internal Switch Gate Driver
At VIN < 8V;
a bootstrap circuit is recommended to ensure adequate gate drive voltage
(see Applications section)
At VIN > 8V;
connect to VIN
At VIN >24V; to reduce power dissipation, VAUX can be connected to an 8V to 15V auxiliary
power supply (see Applications section). Decouple to ground with capacitor close to device (see
Applications section)
VIN
12
P
Input Supply to Device 5V to 60V
Decouple to ground with capacitor close to device (refer to Applications section)
ISM
13
I
Current Monitor Input
Connect current sense resistor between this pin and VIN
The nominal voltage, VSENSE, across the resistor is 218mV fixed in Buck mode and initially 225mV
in Boost and Buck-Boost modes, varying with duty cycle.
FLAG
14
O
Flag Open Drain Output
Pin is high impedance during normal operation
Pin switches low to indicate a fault, or warning condition
PWM
15
I
Digital PWM Output Current Control
Pin driven either by open Drain or push-pull 3.3V or 5V logic levels.
Drive with frequency higher than 100Hz to gate output ‘on’ and ‘off’ during dimming control.
The device enters standby mode when PWM pin is driven with logic low level for more than 15ms
nominal (Refer to application section for more details)
GI
16
I
Gain Setting Input
Used to set the device in Buck mode or Boost, Buck-boost modes and to control the sense voltage
in Boost and Buck-boost modes
Connect to ADJ pin for Buck mode operation
For Boost and Buck-boost modes, connect to resistive divider from ADJ to SGND. The GI divider
is required to compensate for duty cycle gating in the internal feedback loop (see Application
section). The GI pin has an internal clamp that limits the internal node to less than 3V. This
provides some failsafe should it become overdriven.
EP
PAD
P
Exposed Paddle
Connect to 0V plane for electrical and thermal management
Note:
5.
Type refers to whether or not pin is an Input, Output, Input/Output or power supply pin.
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated) (Note 6)
Symbol
Parameter
Rating
Unit
VIN
Input Supply Voltage
-0.3 to 65
V
VAUX
Auxiliary Supply Voltage
-0.3 to 65
V
VISM
Current Monitor Input Relative to GND
-0.3 to 65
V
VSENSE
Current Monitor Sense Voltage (VIN-VISM)
-0.3 to 5
V
VGATE
Gate Driver Output Voltage
-0.3 to 20
V
IGATE
Gate Driver Continuous Output Current
18
mA
VFLAG
Flag Output Voltage
-0.3 to 40
V
VPWM, VADJ, VTADJ, VGI, VPWM
Other Input Pins
-0.3 to 5.5
V
TJ
Maximum Junction Temperature
+150
°C
TST
Storage Temperature
-55 to +150
°C
Note:
6. For correct operation, SGND and PGND should always be connected together.
Caution:
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at conditions between maximum recommended operating conditions and absolute maximum ratings is not implied.
Device reliability may be affected by exposure to absolute maximum rating conditions for extended periods of time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com