Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXLD1371QESTTC Datasheet(PDF) 30 Page - Diodes Incorporated

Part # ZXLD1371QESTTC
Description  AUTOMOTIVE GRADE 60V HIGH ACCURACY BUCK
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1371QESTTC Datasheet(HTML) 30 Page - Diodes Incorporated

Back Button ZXLD1371QESTTC Datasheet HTML 26Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 27Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 28Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 29Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 30Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 31Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 32Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 33Page - Diodes Incorporated ZXLD1371QESTTC Datasheet HTML 34Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
ZXLD1371Q
ZXLD1371Q
Document number: DS37116 Rev. 1 - 2
30 of 42
www.diodes.com
September 2015
© Diodes Incorporated
ZXLD1371Q
Application Information (cont.)
Diodes Selection
For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance Schottky diode* with low reverse leakage at
the maximum operating voltage and temperature. The Schottky diode also provides better efficiency than silicon PN diodes, due to a
combination of lower forward voltage and reduced recovery time.
It is important to select parts with a peak current rating above the peak coil current and a continuous current rating higher than the
maximum output load current. In particular, it is recommended to have a voltage rating at least 15% higher than the maximum transistor
voltage to ensure safe operation during the ringing of the switch node and a current rating at least 10% higher than the average diode
current. The power rating is verified by calculating the power loss through the diode.
The higher forward voltage and overshoot due to reverse recovery time in silicon diodes will increase the peak voltage on the Drain of the
external MOSFET. If a silicon diode is used, care should be taken to ensure that the total voltage appearing on the Drain of the external
MOSFET, including supply ripple, does not exceed the specified maximum value.
*A suitable Schottky diode for a switching current of up to about 1.5A would be PDS3100Q (Diodes Inc).
Output Capacitor
An output capacitor may be required to limit interference or for specific EMC purposes. For boost and buck-boost regulators, the output
capacitor provides energy to the load when the freewheeling diode is reverse biased during the first switching subinterval. An output
capacitor in a buck topology will simply reduce the LED current ripple below the inductor current ripple. In other words, this capacitor
changes the current waveform through the LED(s) from a triangular ramp to a more sinusoidal version without altering the mean current
value.
In all cases, the output capacitor is chosen to provide a desired current ripple of the LED current (usually recommended to be less than 40%
of the average LED current).
Buck:
Boost and Buck-Boost
PP
LED
LED
SW
PP
L
OUTPUT
I
x
r
x
f
I
x
D
C
Where:
IL-PP is the ripple of the inductor current, usually ± 20% of the average sensed current
ILED-PP is the ripple of the LED current, it should be <40% of the LEDs average current
fsw is the switching frequency (From graphs and calculator)
rLED is the dynamic resistance of the LEDs string (n times the dynamic resistance of the single LED from the
datasheet of the LED manufacturer).
The output capacitor should be chosen to account for derating due to temperature and operating voltage. It must also have the necessary
RMS current rating. The minimum RMS current for the output capacitor is calculated as follows:
Buck
Boost and Buck-Boost
Ceramic capacitors with X7R dielectric are the best choice due to their high ripple current rating, long lifetime, and performance over the
voltage and temperature ranges.
PP
LED
LED
SW
PP
L
OUTPUT
I
x
r
x
f
x
8
I
C
12
I
I
PP
LED
RMS
COUTPUT
MAX
MAX
LED
COUTPUTRMS
D
1
D
I
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com