Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR420UFD Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BCR420UFD
Description  LED CONSTANT CURRENT REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCR420UFD Datasheet(HTML) 4 Page - Diodes Incorporated

  BCR420UFD Datasheet HTML 1Page - Diodes Incorporated BCR420UFD Datasheet HTML 2Page - Diodes Incorporated BCR420UFD Datasheet HTML 3Page - Diodes Incorporated BCR420UFD Datasheet HTML 4Page - Diodes Incorporated BCR420UFD Datasheet HTML 5Page - Diodes Incorporated BCR420UFD Datasheet HTML 6Page - Diodes Incorporated BCR420UFD Datasheet HTML 7Page - Diodes Incorporated BCR420UFD Datasheet HTML 8Page - Diodes Incorporated BCR420UFD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BCR420UFD / BCR421UFD
Document number: DS38588 Rev. 3 - 2
4 of 13
www.diodes.com
January 2018
© Diodes Incorporated
BCR420UFD / BCR421UFD
100µ
1m
10m 100m
1
10
100
1k
100µ
1m
10m 100m
1
10
100
1k
Pulse Width (s)
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
100µ
1m
10m 100m
1
10
100
1k
Pulse Width (s)
Pulse Width (s)
Typical Thermal Characteristics BCR420/1U (@TA = +25°C, unless otherwise specified.)
2.0
1.6
1.2
0.8
0.4
0.0
50mm * 50mm
1oz Cu
25mm * 25mm
1oz Cu
15mm * 15mm
1oz Cu
10mm * 10mm
1oz Cu
0
50
100
150
Temperature (°C)
Derating Curve
600
500
400
300
200
100
0
100
1000
Copper Area (mm
2)
Rth(JA) VS 1 oz Cu Area
75
50mm * 50mm
1oz Cu
50
D=0.5
Single Pulse
10
T
amb=25°C
50mm * 50mm
1oz Cu
D=0.2
25
D=0.1
0
Single Pulse
D=0.05
1
10mm * 10mm
1oz Cu
25mm * 25mm
1oz Cu
15mm * 15mm
1oz Cu
Transient Thermal Impedance
Pulse Power Dissipation
150
125
100
75
50
15mm * 15mm
1oz Cu
D=0.5
D=0.2
Single Pulse
100
10mm * 10mm
1oz Cu
15mm * 15mm
1oz Cu
25mm * 25mm
1oz Cu
25
D=0.1
0
D=0.05
10
Single Pulse
T
=25°C
amb
50mm * 50mm
1oz Cu
Transient Thermal Impedance
Pulse Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com