Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR420UFD Datasheet(PDF) 9 Page - Diodes Incorporated

Part # BCR420UFD
Description  LED CONSTANT CURRENT REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCR420UFD Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button BCR420UFD Datasheet HTML 5Page - Diodes Incorporated BCR420UFD Datasheet HTML 6Page - Diodes Incorporated BCR420UFD Datasheet HTML 7Page - Diodes Incorporated BCR420UFD Datasheet HTML 8Page - Diodes Incorporated BCR420UFD Datasheet HTML 9Page - Diodes Incorporated BCR420UFD Datasheet HTML 10Page - Diodes Incorporated BCR420UFD Datasheet HTML 11Page - Diodes Incorporated BCR420UFD Datasheet HTML 12Page - Diodes Incorporated BCR420UFD Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BCR420UFD / BCR421UFD
Document number: DS38588 Rev. 3 - 2
9 of 13
www.diodes.com
January 2018
© Diodes Incorporated
BCR420UFD / BCR421UFD
REXT
(Optional)
Application Information
The BCR420/1 are designed for driving low current LEDs with typical
LED currents of 10mA to 350mA. They provide a cost-effective way for
driving low current LEDs compared with more complex switching
regulator solutions. Furthermore, they reduce the PCB board area of the
solution as there is no need for external components like inductors,
capacitors and switching diodes.
Figure 1 shows a typical application circuit diagram for driving an LED
or string of LEDs. The device comes with an internal resistor (RINT) of
typically 95
Ω, which in the absence of an external resistor, sets an LED
current of 10mA (typical) from a VEN = 3.3V and VOUT = 1.4V for
BCR421; or VEN = 24V and VOUT = 1.4V for BCR420. LED current can
be increased to a desired value by choosing an appropriate external
resistor, REXT.
REXT
(Optional)
The REXT vs IOUT graphs should be used to select the appropriate
resistor. Choosing a low tolerance REXT will improve the overall
accuracy of the current sense formed by the parallel connection of RINT
and REXT.
Figure 1 Typical Application Circuit for
Linear Mode Current Sink LED Driver
Two or more BCR420/1s can be connected in parallel to construct
higher current LED strings as shown in Figure 2. Consideration of the
expected linear mode power dissipation must be factored into the
design, with respect to the BCR420/1
’s thermal resistance. The
maximum voltage across the device can be calculated by taking the
maximum supply voltage and subtracting the voltage across the LED
string.
VOUT = VS
– VLED
PD = (VOUT × ILED) + (VEN × IEN)
REXT
(Optional)
REXT
(Optional)
As the output current of BCR420/1 increases, it is necessary to provide
appropriate thermal relief to the device. The
power
dissipation
supported by the device is dependent upon the PCB board material, the
copper area and the ambient temperature. The maximum dissipation
the device can handle is given by:
Figure 2 Application Circuit for Increasing LED Current
PD = ( TJ(MAX) - TA) / RθJA
Refer to the thermal characteristic graphs on Page 4 for selecting the
appropriate PCB copper area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com