Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR420UFD Datasheet(PDF) 8 Page - Diodes Incorporated

Part # BCR420UFD
Description  LED CONSTANT CURRENT REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCR420UFD Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button BCR420UFD Datasheet HTML 4Page - Diodes Incorporated BCR420UFD Datasheet HTML 5Page - Diodes Incorporated BCR420UFD Datasheet HTML 6Page - Diodes Incorporated BCR420UFD Datasheet HTML 7Page - Diodes Incorporated BCR420UFD Datasheet HTML 8Page - Diodes Incorporated BCR420UFD Datasheet HTML 9Page - Diodes Incorporated BCR420UFD Datasheet HTML 10Page - Diodes Incorporated BCR420UFD Datasheet HTML 11Page - Diodes Incorporated BCR420UFD Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BCR420UFD / BCR421UFD
Document number: DS38588 Rev. 3 - 2
8 of 13
www.diodes.com
January 2018
© Diodes Incorporated
BCR420UFD / BCR421UFD
5
10
15
20
25
30
0
5
10
15
20
25
30
V
EN (V)
V
(V
EN
)
o
o
Typical Electrical Characteristics BCR420U (Cont.) (@TA = +25°C, unless otherwise specified.)
3.0m
2.5m
I
=0A
0.015
-40
oC
OUT
=open
85 C
o
2.0m
R
EXT
0.010
25 C
1.5m
1.0m
25
oC
-40 C
0.005
85
oC
V
=2V
500.0µ
μ
OUT
0.0
R
=open
EXT
0
0
5
10
15
20
25
30
35
40
0.00
0
5
10
15
20
25
30
V
(V)
EN
V
(V)
EN
V vs I
EN
EN
V vs I
EN
OUT
0.06
0.05
0.04
0.03
0.02
-40
oC
85
oC
25
oC
0.20
0.15
0.10
25
oC
85
oC
V
-40
oC
=2V
V
=2V
0.05
OUT
0.01
OUT
R
=20
R
=6.2
EXT
0.00
0
V vs I
EN
OUT
EXT
0.00
V vs I
EN
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com