Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR420UFD Datasheet(PDF) 5 Page - Diodes Incorporated

Part # BCR420UFD
Description  LED CONSTANT CURRENT REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCR420UFD Datasheet(HTML) 5 Page - Diodes Incorporated

  BCR420UFD Datasheet HTML 1Page - Diodes Incorporated BCR420UFD Datasheet HTML 2Page - Diodes Incorporated BCR420UFD Datasheet HTML 3Page - Diodes Incorporated BCR420UFD Datasheet HTML 4Page - Diodes Incorporated BCR420UFD Datasheet HTML 5Page - Diodes Incorporated BCR420UFD Datasheet HTML 6Page - Diodes Incorporated BCR420UFD Datasheet HTML 7Page - Diodes Incorporated BCR420UFD Datasheet HTML 8Page - Diodes Incorporated BCR420UFD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BCR420UFD / BCR421UFD
Document number: DS38588 Rev. 3 - 2
5 of 13
www.diodes.com
January 2018
© Diodes Incorporated
BCR420UFD / BCR421UFD
Typical Electrical Characteristics BCR421U (@TA = +25°C, unless otherwise specified.)
0.20
V =3.3V
0.20
R
=6.2
EXT
EN
R
=8.2
V
=5.4V
0.16
0.12
EXT
R
=10
EXT
0.15
V
=1.4V
OUT
0.08
R
=15
R
= 30
0.10
OUT
0.04
EXT
EXT
R
=open
0.05
V =3.3V
EXT
EN
0
0.000 1 2 3 4 5 6 7 8 9 10 11 12
0.0
1
10
100
V
OUT
(V)
R
EXT
()
V
OUT
vs I
OUT
R
EXT
() vs I
OUT
0.18
0.16
0.14
-40
oC
0.06
0.05
-40
oC
0.12
0.10
25
oC
o
0.04
25
oC
85
oC
V =3.3V
85 C
V =3.3V
EN
EN
0.03
R
=20
0.08
0.06
R
=6.2
EXT
0.02
EXT
0
2
4
6
8
10
12
0
2
4
6
8
10
12
V
OUT (V)
V
OUT (V)
V
OUT
vs I
OUT
V
OUT
vs I
OUT
0.02
0.15
V
=2V
R
=8.2
OUT
o
R
=6.2
EXT
EXT
R
=10
EXT
-40 C
0.10 R =30
0.01
EXT
R
= 60
R
= open
EXT
o
V =3.3V
0.05
EXT
25 C
85
oC
EN
R
=open
EXT
0
0.00
0.0
0
2
4
6
8
10
12
0
1
2
3
4
5
V
OUT
(V)
V
(V)
EN
V
OUT
vs I
OUT
V
vs I
EN
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com