Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR420UFD Datasheet(PDF) 11 Page - Diodes Incorporated

Part # BCR420UFD
Description  LED CONSTANT CURRENT REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCR420UFD Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button BCR420UFD Datasheet HTML 5Page - Diodes Incorporated BCR420UFD Datasheet HTML 6Page - Diodes Incorporated BCR420UFD Datasheet HTML 7Page - Diodes Incorporated BCR420UFD Datasheet HTML 8Page - Diodes Incorporated BCR420UFD Datasheet HTML 9Page - Diodes Incorporated BCR420UFD Datasheet HTML 10Page - Diodes Incorporated BCR420UFD Datasheet HTML 11Page - Diodes Incorporated BCR420UFD Datasheet HTML 12Page - Diodes Incorporated BCR420UFD Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BCR420UFD / BCR421UFD
Document number: DS38588 Rev. 3 - 2
11 of 13
www.diodes.com
January 2018
© Diodes Incorporated
BCR420UFD / BCR421UFD
Application Information (Cont.)
To remove the potential of incorrect connection of the power supply
damaging the lamp
’s LEDs, many systems use some form of
reverse polarity protection.
One solution for reverse input polarity protection is to simply use a
diode with a low VF in line with the driver/LED combination. The low
VF increases the available voltage to the LED stack and dissipates
less power. A circuit example is presented in Figure 5 which
protects the light engine although it will not function until the problem
is diagnosed and corrected. An SDM10U45LP (0.1A/45V) is shown,
providing exceptionally low VF for its package size of 1mm x 0.6mm.
Other
reverse
voltage
ratings
are
available
from
Diodes
Incorporated
’s website such as the SBR02U100LP (0.2A/100V) or
SBR0220LP (0.2A/20V).
REXT
(Optional)
Figure 5 Application Circuit for LED Driver
with Reverse Polarity Protection
While automotive applications commonly use this method for
reverse battery protection, an alternative approach shown in Figure
6, provides reverse polarity protection and corrects the reversed
polarity, allowing the light engine to function.
The BAS40BRW incorporates four low VF Schottky diodes in a
single package, reducing the power dissipated and maximizes the
voltage across the LED stack.
Figure 7 shows an example configuration for 350mA operation using
BCR421U. In such higher current configurations adequate enable
current is provided by increasing the enable voltage.
REXT
(Optional)
REXT =
2.1
Figure 6 Application Circuit for LED Driver with
Assured Operation Regardless Of Polarity
Figure 7 Example for 350mA Operation using BCR421U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com