Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR420UFD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCR420UFD
Description  LED CONSTANT CURRENT REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCR420UFD Datasheet(HTML) 1 Page - Diodes Incorporated

  BCR420UFD Datasheet HTML 1Page - Diodes Incorporated BCR420UFD Datasheet HTML 2Page - Diodes Incorporated BCR420UFD Datasheet HTML 3Page - Diodes Incorporated BCR420UFD Datasheet HTML 4Page - Diodes Incorporated BCR420UFD Datasheet HTML 5Page - Diodes Incorporated BCR420UFD Datasheet HTML 6Page - Diodes Incorporated BCR420UFD Datasheet HTML 7Page - Diodes Incorporated BCR420UFD Datasheet HTML 8Page - Diodes Incorporated BCR420UFD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BCR420UFD / BCR421UFD
BCR420UFD / BCR421UFD
Document number: DS38588 Rev. 3 - 2
1 of 13
www.diodes.com
January 2018
© Diodes Incorporated
Pin Name
Pin Function
OUT
Regulated Output Current
EN
Enable for Biasing
Transistor
Rext
External Resistor for
Adjusting Output Current
GND
Power Ground
N/C
Not connected internally
LINEAR LED CONSTANT CURRENT REGULATOR IN U-DFN2020-6
Description
Features
The BCR420U and BCR421U monolithically integrate transistors,
diodes and resistors to function as a Constant Current Regulator
(CCR) for linear LED driving. The device regulates with a preset
10mA nominal that can be adjusted with an external resistor up to
350mA. It is designed for driving LEDs in strings and will reduce
current at increasing temperatures to self-protect. Operating as a
series linear CCR for LED string current control, it can be used in
multiple applications, as long as the maximum supply voltage to the
device is < 40V.
With the low-side control, the BCR421U has an Enable (EN) pin
which can be pulse-width modulated (PWM) up to 25kHz by a micro-
controller for LED dimming.
With no need for additional external components, this CCR is fully
integrated into a 2x2x0.6mm package (U-DFN2020-6) minimizing
PCB area, off-board height, and component count.
LED Constant Current Regulator Using NPN Emitter-Follower with
Emitter Resistor to Current Limit
IOUT
– 10mA ±10% Constant Current (Preset)
IOUT up to 350mA Adjustable with an External Resistor
(BCR421U)
VOUT
– 40V Supply Voltage
PD up to 1.7W in U-DFN2020-6 Package
0.6mm Height for Low-profile Edge Lighting
Low-Side Control Enabling PWM Input < 25kHz (BCR421U)
Negative Temperature Coefficient (NTC) Reduces IOUT with
Increasing Temperature
Parallel Devices to Increase Regulated Current
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Automotive-Compliant Parts are Available Under Separate
Datasheet (BCR420UFDQ/BCR421UFDQ)
Mechanical Data
Applications
Constant Current Regulation (CCR) in:
Edge Lighting Strips
Emergency Lighting
Signage, Advertising, Decorative and Architectural Lighting
Retail Lighting in Fridges, Freezer Cases and Vending Machines
Case: U-DFN2020-6
Case Material: Molded Plastic.
“Green” Molding Compound.
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - NiPdAu, Solderable per MIL-STD-202, Method
208 e4
Weight: 0.018 grams (Approximate)
EN
OUT
U-DFN2020-6
Rext
(Optional)
N/C
OUT
GND
Rext
Bottom View
Internal Device
Schematic
GND
N/C
EN
Top View
Pin-Out
Ordering Information (Note 4)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity Per Reel
BCR420UFD-7
Standard
420
7
8
3,000
BCR421UFD-7
Standard
421
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated
’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green
” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.


Similar Part No. - BCR420UFD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BCR420UFDQ DIODES-BCR420UFDQ Datasheet
746Kb / 13P
LINEAR LED CONSTANT CURRENT REGULATOR IN U-DFN2020-6
January 2018
BCR420UFDQ-7 DIODES-BCR420UFDQ-7 Datasheet
746Kb / 13P
LINEAR LED CONSTANT CURRENT REGULATOR IN U-DFN2020-6
January 2018
More results

Similar Description - BCR420UFD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45030AT1G ONSEMI-NSI45030AT1G Datasheet
147Kb / 6P
Constant Current Regulator & LED Driver
November, 2009 ??Rev. 3
NSI45025AZ ONSEMI-NSI45025AZ Datasheet
174Kb / 7P
Constant Current Regulator & LED Driver
July, 2013 ??Rev. 3
NSI45030AT1G ONSEMI-NSI45030AT1G_11 Datasheet
172Kb / 7P
Constant Current Regulator & LED Driver
September, 2011 ??Rev. 4
logo
Diodes Incorporated
BCR401UW6 DIODES-BCR401UW6_17 Datasheet
454Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR401UW6Q DIODES-BCR401UW6Q Datasheet
683Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 1
BCR402UW6 DIODES-BCR402UW6_18 Datasheet
684Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 5
BCR402UW6Q DIODES-BCR402UW6Q Datasheet
747Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 1
BCR405UW6 DIODES-BCR405UW6_17 Datasheet
456Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR405UW6Q DIODES-BCR405UW6Q Datasheet
674Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 1
logo
ON Semiconductor
NSI45030A ONSEMI-NSI45030A Datasheet
133Kb / 8P
Constant Current Regulator & LED Driver
October, 2017 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com