Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR420UFD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BCR420UFD
Description  LED CONSTANT CURRENT REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCR420UFD Datasheet(HTML) 2 Page - Diodes Incorporated

  BCR420UFD Datasheet HTML 1Page - Diodes Incorporated BCR420UFD Datasheet HTML 2Page - Diodes Incorporated BCR420UFD Datasheet HTML 3Page - Diodes Incorporated BCR420UFD Datasheet HTML 4Page - Diodes Incorporated BCR420UFD Datasheet HTML 5Page - Diodes Incorporated BCR420UFD Datasheet HTML 6Page - Diodes Incorporated BCR420UFD Datasheet HTML 7Page - Diodes Incorporated BCR420UFD Datasheet HTML 8Page - Diodes Incorporated BCR420UFD Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BCR420UFD / BCR421UFD
BCR420UFD / BCR421UFD
Document number: DS38588 Rev. 3 - 2
2 of 13
www.diodes.com
January 2018
© Diodes Incorporated
Marking Information
xxx
xxx = Part Marking (See Ordering Information)
Y = Year: 0~9
W = Week: A~Z: 1~26 week;
a~z; 27~52 week; z represents
52 and 53 week
Absolute Maximum Ratings (Voltage relative to GND, @TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Enable Voltage
BCR420U
VEN
40
V
BCR421U
18
Output Current
IOUT
500
mA
Output Voltage
VOUT
40
V
Reverse Voltage Between all Terminals
VR
0.5
V
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
1.7
W
(Note 6)
1.3
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
75
°C/W
(Note 6)
100
Thermal Resistance, Junction to Lead
(Note 7)
RθJL
35
°C/W
Recommended Operating Junction Temperature Range
TJ
-55 to +150
°C
Maximum Operating Junction and Storage Temperature Range
TJ , TSTG
-65 to +150
ESD Ratings (Note 8)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge
– Human Body
Model
BCR420U
HBM
700
V
1B
BCR421U
1000
V
1C
Electrostatic Discharge
– Machine Model
BCR420U
MM
300
V
B
BCR421U
400
V
C
Notes:
5. For a device mounted with the OUT leads on 50mm x 50mm 1oz copper that is on a single-sided 1.6mm FR-4 PCB; device is measured under still
air conditions while operating in steady-state.
6. Same as Note 5, except mounted on 25mm x 25mm 1oz copper.
7. RθJL = Thermal resistance from junction to solder-point (at the end of the OUT leads).
8. Refer to JEDEC specification JESD22-A114 and JESD22-A115
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com