Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR420UFD Datasheet(PDF) 10 Page - Diodes Incorporated

Part # BCR420UFD
Description  LED CONSTANT CURRENT REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCR420UFD Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button BCR420UFD Datasheet HTML 5Page - Diodes Incorporated BCR420UFD Datasheet HTML 6Page - Diodes Incorporated BCR420UFD Datasheet HTML 7Page - Diodes Incorporated BCR420UFD Datasheet HTML 8Page - Diodes Incorporated BCR420UFD Datasheet HTML 9Page - Diodes Incorporated BCR420UFD Datasheet HTML 10Page - Diodes Incorporated BCR420UFD Datasheet HTML 11Page - Diodes Incorporated BCR420UFD Datasheet HTML 12Page - Diodes Incorporated BCR420UFD Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BCR420UFD / BCR421UFD
Document number: DS38588 Rev. 3 - 2
10 of 13
www.diodes.com
January 2018
© Diodes Incorporated
BCR420UFD / BCR421UFD
Application Information (Cont.)
PWM dimming can be achieved by driving the EN pin. Dimming is achieved by turning the LEDs ON and OFF for a portion of a single cycle. The
PWM signal can be provided by a micro-controller or analog circuitry; typical circuit is shown in Figure 3. Figure 4 is a typical response of LED
current vs. PWM duty cycle on the EN pin. PWM up to 25kHz with duty cycle of 0.5% (dimming range 200:1). This is above the audio band
minimizing audible power supply noise.
REXT
(Optional)
Figure 3 Application Circuits for LED Driver with PWM Dimming Functionality using BCR421U
Figure 4 Typical LED Current Response vs. PWM Duty Cycle for
25kHz PWM Frequency (Dimming Range 200:1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com