Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5318 Datasheet(PDF) 24 Page - Injoinic Technology Co.,Ltd.

Part # IP5318
Description  4.8A charging, 18W discharge, integrated input and output fast charging function mobile power supply SOC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5318 Datasheet(HTML) 24 Page - Injoinic Technology Co.,Ltd.

Back Button IP5318 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 26Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 27Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
IP5318
V1.0
Email :servi ce@injoinic.com
24 / 27
Copyright © 2015, Injoinic Corp.
BOM 表
序号
元件名称
型号&规格
位置
用量
备注
1
贴片 IC
QFN40 IP5318
U1
1
2
贴片电容
0603 100nF 10% 25V
C2 C3 C4
3
3
贴片电容
0603 1uF 10% 25V
C5
1
4
贴片电容
0603 2.2uF 10% 16V
C1
1
5
贴片电容
0805 22uF 10% 16V
CP1 CP2 CP3
3
6
贴片电容
0805 22uF 10% 25V
CP4 CP5 CP6
3
7
贴片电容
0805 10uF 10% 25V
CP7 CP8 CP9
3
8
电解电容
220uF 25V 10%
CP12
1
9
贴片电阻
1206R 0.01R 1%
R1
1
10
贴片电阻
0603R 2R 5%
R3
1
11
贴片电阻
0603R 20R 5%
R4
1
此电阻可以调节灯的亮度
12
贴片电阻
0603R 100R 5%
R5
1
13
贴片电阻
0603R 5.1K 5%
R2
1
14
贴片电阻
0603R 1K 5%
R6
1
15
贴片电阻
0603R 10K 5%
R7 R8 R9
3
16
贴片电阻
0603R 82K 5%
R10
1
17
贴片电阻
0603R 330K 5%
R15
1
18
贴片电阻
0603R 120K 1%
R13
1
NTC 电路需添加的物料
19
贴片电阻
0603R 169K 1%
R12
1
20
NTC 热敏电阻
100K@25℃ B=4200
RNTC
1
21
贴片 LED
0603 蓝灯
D1 D2 D3 D4
4
22
贴片 LED
0603 绿灯
D9
1
23
贴片 LED
0603 红灯
D8
1
24
LED 手电灯
5MM LED
D5
1
25
一体成型电感
2.2UH 10*10
L1
1
26
肖特基二极管
DO-214AB
SS24
D6 D7
2
27
贴片 MOS
SOT23-3 SI2301
Q4 Q5
2
28
贴片 MOS
SOT23-3
VS3407A
Q1 Q2 Q3
3
Rds(on)<20m ohm
I>=3A
29
按键
SMT 3*6 按键
SW1
1
30
输出 USB
AF10 8 脚插件 USB
USB1 USB3
2
31
输入 USB
MICRO-7-DIP-5.9
USB2
1
电感推荐型号
DARFON PIN
Thickness
(mm)
Inductance
(uH)
Tolerance
DC
Resistance
(mΩ)
Heat Rating
Current
DC Amp.
Saturation
Current
DC Amps.
Measuring
Condition
Typ.
Max.
Idc(A)Max.
Isat(A)Max.
SPM70702R2MESQ
5
2.2
±20%
9
10.2
10.5
13.5
100kHz/1.0V
SPM10102R2MESN
4
2.2
±20%
6
7
12
18
100kHz/1.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com