Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5318 Datasheet(PDF) 4 Page - Injoinic Technology Co.,Ltd.

Part # IP5318
Description  4.8A charging, 18W discharge, integrated input and output fast charging function mobile power supply SOC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5318 Datasheet(HTML) 4 Page - Injoinic Technology Co.,Ltd.

  IP5318 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
IP5318
V1.0
Ema il: s ervi ce@injoinic.com
4 / 27
Copyright © 2015, Injoinic Corp.
1. 引脚定义
VING
VBUS
VBUSG
VOUT
VOUTG
KEY
NTC
NC
NC
31
32
33
34
35
36
38
37
39
40
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
13
14
12
11
VSYS
LX
LX
LX
LX
LX
LIGHT
L4
PGND
PGND
30 29 28 27 26 25 24 23 22 21
RSET
IP5318
QFN40
41 EPAD
图
3
IP5318/IP5318Q 引脚图
IP5318/IP5318Q 引脚说明
Pin Num
Pin Name
IP5318
IP5318Q
1
VSET
电池类型设置
2
DP
手机快充智能识别 HVDCP:DP
3
DM
手机快充智能识别 HVDCP:DM
4
LED_G
LED 驱动,快充电压指示,12V 时输出高
5
LED_R
LED 驱动,快充电压指示,9V、12V 时输出高
6
CC1/NC
TYPE-C 检测引脚 CC1
VOUT2 插入检测
7
CC2/NC
TYPE-C 检测引脚 CC2
NC
8
L1
电量灯驱动引脚 L1,I2C 功能时为 SCK
9
L2
电量灯驱动引脚 L2,I2C 功能时为 SDA
10
L3
电量灯驱动引脚 L3,I2C 功能时为 MCU 唤醒引脚
11/12
PGND
功率地
13
L4
电量灯驱动引脚 L4
14
LIGHT
照明灯驱动引脚,开漏输出
15/16/17/18/19
LX
DCDC 开关节点,连接电感
20/21/22/23
VSYS
系统输入输出公共节点
24
VSP
VSYS 电流采样正端,需要与 VSYS 分开走线
25
VSN
VSYS 电流采样负端



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com