Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5318 Datasheet(PDF) 8 Page - Injoinic Technology Co.,Ltd.

Part # IP5318
Description  4.8A charging, 18W discharge, integrated input and output fast charging function mobile power supply SOC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5318 Datasheet(HTML) 8 Page - Injoinic Technology Co.,Ltd.

Back Button IP5318 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
IP5318
V1.0
Ema il: s ervi ce@injoinic.com
8 / 27
Copyright © 2015, Injoinic Corp.
涓流充电电流
ITRKL
VIN=5v,BAT<1.0v
50
100
150
mA
VIN=5v,1.0v<=BAT<3.0v
300
400
500
mA
涓流截止电压
VTRKL
2.9
3
3.1
V
再充电阈值
VRCH
4.08
4.1
4.13
V
充电截止时间
TEND
20
24
27
Hour
升压系统
电池工作电压
VBAT
3.0
4.4
V
开 关 工 作 电 池 输
入电流
IBAT
VBAT=3.7V,VOUT=5.1V,fs=375KHz
3
5
mA
DC 输出电压
QC2.0
VOUT
VOUT=5V@1A
4.95
5.12
5.23
V
VOUT=9V@1A
8.75
9
9.25
V
VOUT=12V@1A
11.75
12
12.25
V
QC3.0
VOUT
@1A
4.6
12.4
V
QC3.0
Step
200
mV
输出电压纹波
ΔV
OUT
VBAT=3.7V,VOUT=5.0V,fs=375KHz
100
mV
升 压 系 统 供 电 电
Iv out
VOUT=5V
3.1
A
VOUT=9V
2.0
A
VOUT=12V
1.5
A
升压系统 过流 关
断电流
Ishut
VOUT=5V
3.4
3.6
3.8
A
负 载 过 流 检 测 时
TUVD
输出电压持续低于 4.4V
30
ms
负 载 短 路 检 测 时
TOCD
输出电流持续大于 4A
150
200
us
控制系统
开关频率
fs
放电开关频率
250
375
750
KHz
充电开关频率
375
500
1000
KHz
PMOS 导通电阻
rDSON
25
30
35
NMOS 导通电阻
13
15
18
VREG 输出电压
VREG
VBAT=3.5V
3.0
3.1
3.2
V
电 池 输 入 待 机 电
ISTB
VIN=0V,VBAT=3.7V
80
90
100
uA
LDO 输出电流
ILDO
30
50
80
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com