Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5318 Datasheet(PDF) 18 Page - Injoinic Technology Co.,Ltd.

Part # IP5318
Description  4.8A charging, 18W discharge, integrated input and output fast charging function mobile power supply SOC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5318 Datasheet(HTML) 18 Page - Injoinic Technology Co.,Ltd.

Back Button IP5318 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
IP5318
V1.0
Email :servi ce@injoinic.com
18 / 27
Copyright © 2015, Injoinic Corp.
RSET(电池内阻设定)
IP5318/IP5318Q 可以通过 RSET 引脚设定电池内阻,从而调节 LED 电量显示的均匀特性。RSET 电
阻大小和设定的电池内阻如下表所示。
RSET 端电阻 Kohm
对应电池设定内阻(mOhm)
184~
187.5
174~184
175
164~174
162.5
154~164
150
144~154
137.5
134~144
125
124~134
112.5
114~124
100
104~114
87.5
94~104
75
84~94
62.5
74~84
50
64~74
37.5
54~64
25
44~54
12.5
0~44
0
VSET(电池类型设定)
IP5318/IP5318Q 可以通过 VSET 引脚设定电池类型,从而改变电量显示阈值、给电池充电的恒压电
压以及保护电压。VSET 电阻大小和设定的电池类型如下表所示。
VSET 端电阻 Kohm
对应电池类型
NC
4.2V
120
4.3V
68
4.35V
0
4.4V
NTC 功能
IP5318/IP5318Q 集成 NTC 功能, 可检测电池温度



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com