Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP5318 Datasheet(PDF) 17 Page - Injoinic Technology Co.,Ltd.

Part # IP5318
Description  4.8A charging, 18W discharge, integrated input and output fast charging function mobile power supply SOC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5318 Datasheet(HTML) 17 Page - Injoinic Technology Co.,Ltd.

Back Button IP5318 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP5318 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
IP5318
V1.0
Email :servi ce@injoinic.com
17 / 27
Copyright © 2015, Injoinic Corp.
C=0%
灭
灭
灭
灭
充电模式 4 颗 LED 显示
电量 C(%)
D1
D2
D3
D4
充满
亮
亮
亮
亮
75%≤C
亮
亮
亮
1.5Hz 闪烁
50%≤C<75%
亮
亮
1.5Hz 闪烁
灭
25%≤C<50%
亮
1.5Hz 闪烁
灭
灭
C<25%
1.5Hz 闪烁
灭
灭
灭
三灯、五灯的显示方式和四灯类似,每颗灯对应的电池电量如下表
D1
D2
D3
D4
D5
三颗灯
33%
66%
100%
无
无
四颗灯
25%
50%
75%
100%
无
五颗灯
20%
40%
60%
80%
100%
两灯的显示方式为双色灯:
充电时
电量 C(%)
D1
D2
充满
灭
亮
66
%≤C<100%
灭
1.5Hz 闪烁
33
%≤C<66%
1.5Hz 闪烁
1.5Hz 闪烁
C<33%
1.5Hz 闪烁
灭
放电时:
电量 C(%)
D1
D2
66
%≤C<100%
灭
亮
33
%≤C<66%
亮
亮
C<33%
亮
灭
C<3%
1.5Hz 闪烁
灭



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com