Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF52012 Datasheet(PDF) 25 Page - Intel Corporation

Part # CF52012
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CF52012 Datasheet(HTML) 25 Page - Intel Corporation

Back Button CF52012 Datasheet HTML 21Page - Intel Corporation CF52012 Datasheet HTML 22Page - Intel Corporation CF52012 Datasheet HTML 23Page - Intel Corporation CF52012 Datasheet HTML 24Page - Intel Corporation CF52012 Datasheet HTML 25Page - Intel Corporation CF52012 Datasheet HTML 26Page - Intel Corporation CF52012 Datasheet HTML 27Page - Intel Corporation CF52012 Datasheet HTML 28Page - Intel Corporation CF52012 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Status Register Content
Memory Content
TB Bit
BP3 Bit
BP2 Bit
BP1 Bit
BP0 Bit
Protected Area
Unprotected Area
1
0
1
0
1
Sectors (0 to 15)
Sectors (16 to 1023)
1
0
1
1
0
Sectors (0 to 31)
Sectors (32 to 1023)
1
0
1
1
1
Sectors (0 to 63)
Sectors (64 to 1023)
1
1
0
0
0
Sectors (0 to 127)
Sectors (128 to 1023)
1
1
0
0
1
Sectors (0 to 255)
Sectors (256 to 1023)
1
1
0
1
0
Sectors (0 to 511)
Sectors (512 to 1023)
1
1
0
1
1
All sectors
None
1
1
1
0
0
All sectors
None
1
1
1
0
1
All sectors
None
1
1
1
1
0
All sectors
None
1
1
1
1
1
All sectors
None
1.6.1.2. Write Status Register Operation (01h)
The write status operation does not affect the write enable latch and write in progress
bits. You can use the write status operation to set the status register block protection
and top or bottom bits. Therefore, you can implement this operation to protect certain
memory sectors. After setting the block protect bits, the protected memory sectors
are treated as read-only memory. You must execute the write enable operation before
the write status operation.
Figure 2.
Write Status Operation Timing Diagram
Operation Code (01h)
Status Register
DATA0
nCS
DCLK
DATA
High Impedance
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
0
1
2
3
4
5
6
7
MSB
Immediately after the nCS signal drives high, the device initiates the self-timed write
status cycle. The self-timed write status cycle usually takes 5 ms for all EPCQ devices
and is guaranteed to be less than 8 ms. For details about tWS, refer to the related
information below. You must account for this delay to ensure that the status register is
written with the desired block protect bits. Alternatively, you can check the write in
progress bit in the status register by executing the read status operation while the
self-timed write status cycle is in progress. Set the write in progress bit to 1 during
the self-timed write status cycle and 0 when it is complete.
Related Information
Write Operation Timing on page 40
The Write Operation Parameters provides more information about tWS, tES and tWB.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com