Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF52012 Datasheet(PDF) 48 Page - Intel Corporation

Part # CF52012
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CF52012 Datasheet(HTML) 48 Page - Intel Corporation

Back Button CF52012 Datasheet HTML 40Page - Intel Corporation CF52012 Datasheet HTML 41Page - Intel Corporation CF52012 Datasheet HTML 42Page - Intel Corporation CF52012 Datasheet HTML 43Page - Intel Corporation CF52012 Datasheet HTML 44Page - Intel Corporation CF52012 Datasheet HTML 45Page - Intel Corporation CF52012 Datasheet HTML 46Page - Intel Corporation CF52012 Datasheet HTML 47Page - Intel Corporation CF52012 Datasheet HTML 48Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
Date
Version
Changes
• Added Non-volatile Configuration Register Operation Bit
Definition table.
• Added read status operation timing diagram.
• Updated EPCQ Device Pin Description table.
• Added a link to the Packaging Specifications and
Dimensions page.
January 2014
2014.01.10
• Added EPCQ512 device support.
• Added the write non-volatile configuration register
operation.
• Added a link to the ALTASMI_PARALLEL IP Core User
Guide.
• Removed preliminary for EPCQ16, EPCQ32, EPCQ64,
EPCQ128, and EPCQ256 devices.
• Updated block protection bits for EPCQ16, EPCQ32,
EPCQ64, EPCQ128, and EPCQ256 devices.
• Updated the dummy byte term to dummy cycle.
• Updated the dummy cycles for the read device
identification operation in the Operation Codes for EPCQ
Devices.
• Updated the tCL and tCH parameters in the write
operation timing diagram.
• Updated the Package section.
• Updated the erase bulk cycle time for EPCQ16 and
EPCQ32 devices.
• Updated the operating temperature in the
Recommended Operating Conditions.
July 2012
3.0
• Added Table 3, Table 4, and Table 5 to include the
address range for EPCQ16, EPCQ32, and EPCQ64
devices.
• Added Table 9, Table 10, Table 11, Table 12, Table 13,
and Table 14 to include the block protection bits for
EPCQ16, EPCQ32, and EPCQ64 devices.
• Added Figure 5, Figure 20 and Figure 21 to include
EPCQ16 and EPCQ32 devices.
• Updated the “Device Package and Ordering Code”
section.
• Updated Table 1, Table 2, Table 19, Table 20, Table 27,
and Table 28 to include EPCQ16, EPCQ32, and EPCQ64
devices.
• Updated the address bytes for the extended quad input
fast write bytes operation in Table 8.
• Updated Figure 22 and Figure 23 to include EPCQ64
devices.
January 2012
2.0
• Added Figure 2.
• Updated “Read Bytes Operation” and “Fast Read
Operation” sections.
• Updated Figure 1, Figure 3, Figure 4, Figure 7, and
Figure 13.
• Updated Table 5, Table 11, Table 12, and Table 14.
• Minor text edits.
June 2011
1.0
Initial release.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com