Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF52012 Datasheet(PDF) 47 Page - Intel Corporation

Part # CF52012
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CF52012 Datasheet(HTML) 47 Page - Intel Corporation

Back Button CF52012 Datasheet HTML 40Page - Intel Corporation CF52012 Datasheet HTML 41Page - Intel Corporation CF52012 Datasheet HTML 42Page - Intel Corporation CF52012 Datasheet HTML 43Page - Intel Corporation CF52012 Datasheet HTML 44Page - Intel Corporation CF52012 Datasheet HTML 45Page - Intel Corporation CF52012 Datasheet HTML 46Page - Intel Corporation CF52012 Datasheet HTML 47Page - Intel Corporation CF52012 Datasheet HTML 48Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
1.13. Document Revision History for Quad-Serial Configuration
(EPCQ) Devices Datasheet
Document
Version
Changes
2018.06.01
• Updated the description for tDSU parameter.
• Added data retention feature information.
• Added information about the read flag status register operation.
• Added a note to Absolute Maximum Ratings to state the maximum undershoot and overshoot for VI.
• Updated the product obsolescence note in Supported Intel EPCQ Devices table.
• Added a link to PDN1802.
Date
Version
Changes
November 2017
2017.11.06
• Updated operation code from binary to hexadecimal
value in Summary of Operation Codes table.
• Added operation code in hex value in each operation
timing diagrams.
• Updated operation timing diagrams to improve operation
code and DLCK alignment accuracy.
• Added Registers section and included read status, write
status, read non-volatile configuration, and read non-
volatile configuration registers.
• Added note stating EPCQ16, EPCQ32, EPCQ64, and
EPCQ128 are scheduled for product obsolescence.
• Added Extended Quad Input Fast Write Bytes Operation
Timing Diagram for EPCQ512/A figure.
• Added extended quad input fast write bytes operation
code for EPCQ512/A in Summary of Operation Codes
table.
• Removed ambient temperature in Absolute Maximum
Ratings.
• Added note to EPCQ512/A device is shown as EPCQ512
inIntel Quartus Prime software.
• Updated Write Operation Timing for EPCQ512/A devices.
• Updated Recommended Operating Conditions and ICC
Supply Current for EPCQ512/A devices.
• Updated capacitance is sample-tested at a 54 MHz
frequency.
May 2016
2016.05.30
• Removed instances of 'Preliminary' and notes about
pending characterization.
• Replaced EPCQ512 instances with EPCQ512/A.
• Updated ordering code for EPCQ512/A.
• Updated AS x1 and AS x4 Pin-Out Diagrams for EPCQ64,
EPCQ128, EPCQ256, and EPCQ512/A Devices figure.
• Updated Power dissipation and Joint temperature in the
Absolute Maximum Ratings table.
January 2015
2015.01.23
• Updated non-volatile configuration register operation
code.
• Added erase subsector operation.
• Added read non-volatile configuration register operation.
• Updated AS x1 dummy clock cycles for non-volatile
configuration registers.
• Updated the erase and program cycle to up to 100,000
cycles.
• Updated write non-volatile configuration register 16-bit
register value.
continued...
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com