Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF52012 Datasheet(PDF) 34 Page - Intel Corporation

Part # CF52012
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CF52012 Datasheet(HTML) 34 Page - Intel Corporation

Back Button CF52012 Datasheet HTML 30Page - Intel Corporation CF52012 Datasheet HTML 31Page - Intel Corporation CF52012 Datasheet HTML 32Page - Intel Corporation CF52012 Datasheet HTML 33Page - Intel Corporation CF52012 Datasheet HTML 34Page - Intel Corporation CF52012 Datasheet HTML 35Page - Intel Corporation CF52012 Datasheet HTML 36Page - Intel Corporation CF52012 Datasheet HTML 37Page - Intel Corporation CF52012 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Figure 12.
Extended Dual Input Fast Read Operation Timing Diagram
To access the entire EPCQ256 or EPCQ512/A memory, use 4-byte addressing mode. In the 4-byte addressing
mode, the address width is 32-bit address.
1
0
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20
22 20 18 16 14 12 10
8
6
4
2
0
23 21 19 17 15 13 11
9
7
5
3
1
6
4
2
0
6
4
2
0
6
4
2
0
6
4
2
0
6
7
5
3
1
7
5
3
1
7
5
3
1
7
5
3
1
7
28
27
29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
Operation Code (BBh)
Dummy Clock Cycles
Byte 1
Byte 2
Byte 3
Byte 4
nCS
DCLK
DATA0
DATA1
nCS
DCLK
DATA0
DATA1
24-Bit Address
I/O switches from Input to Output
1.7.7. Extended Quad Input Fast Read Operation (EBh)
This operation is similar to the extended dual input fast read operation except that the
data and addresses are shifted in and out on the DATA0, DATA1, DATA2, and DATA3
pins.
Figure 13.
Extended Quad Input Fast Read Operation
To access the entire EPCQ256 or EPCQ512/A memory, use 4-byte addressing mode. In the 4-byte addressing
mode, the address width is 32-bit address.
2
11 12 13 14
0
DATA0
DCLK
Operating Code (EBh)
15 16
20
17 18 19
4 0
20 16 12 8
4
22
21
23
5 1
21 17 13 9
DATA1
High Impedance
Byte 1
5
7
7 3
23 19 15 11
6
6 2
22 18 14 10
DATA2
High Impedance
High Impedance
Byte 2
6 Dummy Clock Cycles
24 Bit Address
DATA3
I/O Switches from Input to Output
1
3
6
4 5
7
10
8 9
4 0 4 0
5 1 5 1
6 2 6 2
7 3 7 3
nCS
1.7.8. Read Device Identification Operation (9Fh)
This operation reads the 8-bit device identification of the EPCQ device from the DATA1
output pin. If this operation is shifted in while an erase or write cycle is in progress,
the operation is not executed and does not affect the erase or write cycle in progress.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com