Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF52012 Datasheet(PDF) 27 Page - Intel Corporation

Part # CF52012
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CF52012 Datasheet(HTML) 27 Page - Intel Corporation

Back Button CF52012 Datasheet HTML 23Page - Intel Corporation CF52012 Datasheet HTML 24Page - Intel Corporation CF52012 Datasheet HTML 25Page - Intel Corporation CF52012 Datasheet HTML 26Page - Intel Corporation CF52012 Datasheet HTML 27Page - Intel Corporation CF52012 Datasheet HTML 28Page - Intel Corporation CF52012 Datasheet HTML 29Page - Intel Corporation CF52012 Datasheet HTML 30Page - Intel Corporation CF52012 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
1.6.3. Non-Volatile Configuration Register
Table 28.
Dummy Clock Cycles and Address Bytes for the Non-Volatile Configuration
Register Operation
FPGA Device
Dummy Clock Cycles
AS x1
AS x4
• Arria® GX
• Arria II
• Cyclone®
• Cyclone II
• Cyclone III
• Cyclone IV
• Stratix®
• Stratix GX
• Stratix II
• Stratix II GX
• Stratix III
• Stratix IV
• Intel Cyclone 10 LP
8
—
Table 29.
Dummy Clock Cycles and Address Bytes for the Non-Volatile Configuration
Register Operation for Arria V, Cyclone V and Stratix V Devices
FPGA Device
Address Bytes(12)
Dummy Clock Cycles
AS x1
AS x4
• Arria V
• Cyclone V
• Stratix V
3-byte addressing
12
12
4-byte addressing
4
10
Table 30.
Non-Volatile Configuration Register Operation Bit Definition
Bit
Description
Default Value
15:12
Number of dummy clock cycles. When this number is from 0001 to 1110, the
dummy clock cycles is from 1 to 14.
0000
or 1111 (13)
11:5
Set these bits to 1111111.
1111111
4
Don't care.
1
3:1
Set these bits to 111.
111
0
Address byte setting.
• 0—4-byte addressing
• 1—3-byte addressing
1
(12) The 4-byte addressing mode is used for EPCQ256 and EPCQ512/A devices.
(13) The default dummy clock cycles is 10 for extended quad input fast read and 8 for extended
dual input fast and standard fast read.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com