Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF52012 Datasheet(PDF) 37 Page - Intel Corporation

Part # CF52012
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CF52012 Datasheet(HTML) 37 Page - Intel Corporation

Back Button CF52012 Datasheet HTML 33Page - Intel Corporation CF52012 Datasheet HTML 34Page - Intel Corporation CF52012 Datasheet HTML 35Page - Intel Corporation CF52012 Datasheet HTML 36Page - Intel Corporation CF52012 Datasheet HTML 37Page - Intel Corporation CF52012 Datasheet HTML 38Page - Intel Corporation CF52012 Datasheet HTML 39Page - Intel Corporation CF52012 Datasheet HTML 40Page - Intel Corporation CF52012 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Figure 17.
Extended Quad Input Fast Write Bytes Operation Timing Diagram for EPCQ16,
EPCQ32, EPCQ64, EPCQ128 and EPCQ256
To access the entire EPCQ256 memory, use 4-byte addressing mode. In the 4-byte addressing mode, the
address width is 32-bit address.
DATA0
nCS
DATA1
Operation Code (12h)
Don’t Care
MSB
DATA3
DATA2
Don’t Care
‘1’
Data In
2
1
3
9 10
0
DCLK
20
17 18 19
11 12 13 14 15 16
22
21
23
25
24
26
MSB
MSB
MSB MSB
MSB
24-bit Address
Data In
Data In
2
1
3
4
5
6
27
20 16 12 8
0 4
4 0 4 0 4 0 4
0 4
4
0
0 4
0
2 6
6 2 6 2 6 2 6
2 6
6
2
2 6
2
1 5
5 1 5 1 5 1 5
1 5
5
1
1 5
1
21 17 13 9
22 18 14 10
23 19 15
3 7
7 3 7 3 7 3 7
3 7
7
3
3 7
3
11
7
MSB
4
6
5
7 8
Figure 18.
Extended Quad Input Fast Write Bytes Operation Timing Diagram for
EPCQ512/A Devices
To access the entire EPCQ512/A memory, use 4-byte addressing mode. In the 4-byte addressing mode, the
address width is 32-bit address.
DATA0
nCS
DATA1
Operation Code (38h)
Don’t Care
MSB
DATA3
DATA2
Don’t Care
‘1’
Data In
2
1
3
9 10
0
DCLK
20
17 18 19
11 12 13 14 15 16
22
21
23
25
24
26
MSB
MSB
MSB MSB
MSB
24-bit Address
Data In
Data In
2
1
3
4
5
6
27
20 16 12 8
0 4
4 0 4 0 4 0 4
0 4
4
0
0 4
0
2 6
6 2 6 2 6 2 6
2 6
6
2
2 6
2
1 5
5 1 5 1 5 1 5
1 5
5
1
1 5
1
21 17 13 9
22 18 14 10
23 19 15
3 7
7 3 7 3 7 3 7
3 7
7
3
3 7
3
11
7
MSB
4
6
5
7 8
1.7.12. Erase Bulk Operation (C7h)
This operation sets all the memory bits to 1or 0xFF. Similar to the write bytes
operation, you must execute the write enable operation before the erase bulk
operation.
You can implement the erase bulk operation by driving the nCS signal low and then
shifting in the erase bulk operation code on the DATA0 pin. The nCS signal must be
driven high after the eighth bit of the erase bulk operation code has been latched in.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com