Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF52012 Datasheet(PDF) 35 Page - Intel Corporation

Part # CF52012
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CF52012 Datasheet(HTML) 35 Page - Intel Corporation

Back Button CF52012 Datasheet HTML 31Page - Intel Corporation CF52012 Datasheet HTML 32Page - Intel Corporation CF52012 Datasheet HTML 33Page - Intel Corporation CF52012 Datasheet HTML 34Page - Intel Corporation CF52012 Datasheet HTML 35Page - Intel Corporation CF52012 Datasheet HTML 36Page - Intel Corporation CF52012 Datasheet HTML 37Page - Intel Corporation CF52012 Datasheet HTML 38Page - Intel Corporation CF52012 Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Table 32.
EPCQ Device Identification
EPCQ Device
Silicon ID (Binary Value)
EPCQ16
b'0001 0101
EPCQ32
b'0001 0110
EPCQ64
b'0001 0111
EPCQ128
b'0001 1000
EPCQ256
b'0001 1001
EPCQ512/A
b'0010 0000
The 8-bit device identification of the EPCQ device is shifted out on the DATA1 pin on
the falling edge of the DCLK signal.
Figure 14.
Read Device Identification Operation Timing Diagram
nCS
DCLK
DATA0
DATA1
0
1
2
3
4
5
6
7
8
9
10
20 21 23 24 25 26 27 28 29 30 31 32
Operation Code (9Fh)
Two Dummy Bytes
15 14 13
3
2
1
0
7
6
5
4
3
2
1
0
MSB
MSB
High Impedance
Device ID
Don’t Care
1.7.9. Write Bytes Operation (02h)
This operation allows bytes to be written to the memory. You must execute the write
enable operation before the write bytes operation. After the write bytes operation is
completed, the write enable latch bit in the status register is set to 0.
When you execute the write bytes operation, you shift in the write bytes operation
code, followed by a 3-byte addressing mode (A[23..0]) or a 4-byte addressing mode
(A[31..0]), and at least one data byte on the DATA0 pin. If the eight LSBs
(A[7..0]) are not all 0, all sent data that goes beyond the end of the current page is
not written into the next page. Instead, this data is written at the start address of the
same page. You must ensure the nCS signal is set low during the entire write bytes
operation.
Figure 15.
Write Bytes Operation Timing Diagram
To access the entire EPCQ256 or EPCQ512/A memory, use 4-byte addressing mode. In the 4-byte addressing
mode, the address width is 32-bit address.
DATA0
Operation Code (02h)
24-Bit Address
Data Byte 1
Data Byte 2
Data Byte 256
0
1
2
3
4
5
6
7
8
9
10
28 29 30 31 32
nCS
DCLK
33 34 35 36 37 38 39 40 41 42 43 44 45 46 47
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
23 22 21
7
6
5
4
3
2
1
0
2072 2073 2074 2075 2076 2077 2078 2079
MSB
MSB
MSB
MSB
If more than 256 data bytes are shifted into the EPCQ device with a write bytes
operation, the previously latched data is discarded and the last 256 bytes are written
to the page. However, if less than 256 data bytes are shifted into the EPCQ device,
they are guaranteed to be written at the specified addresses and the other bytes of
the same page are not affected.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com