Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF52012 Datasheet(PDF) 36 Page - Intel Corporation

Part # CF52012
Description  Quad-Serial Configuration
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CF52012 Datasheet(HTML) 36 Page - Intel Corporation

Back Button CF52012 Datasheet HTML 32Page - Intel Corporation CF52012 Datasheet HTML 33Page - Intel Corporation CF52012 Datasheet HTML 34Page - Intel Corporation CF52012 Datasheet HTML 35Page - Intel Corporation CF52012 Datasheet HTML 36Page - Intel Corporation CF52012 Datasheet HTML 37Page - Intel Corporation CF52012 Datasheet HTML 38Page - Intel Corporation CF52012 Datasheet HTML 39Page - Intel Corporation CF52012 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
The device initiates a self-timed write cycle immediately after the nCS signal is driven
high. For details about the self-timed write cycle time, refer to tWB in the related
information below. You must account for this amount of delay before another page of
memory is written. Alternatively, you can check the write in progress bit in the status
register by executing the read status operation while the self-timed write cycle is in
progress. The write in progress bit is set to 1 during the self-timed write cycle and 0
when it is complete.
Note:
You must erase all the memory bytes of EPCQ devices before you implement the write
bytes operation. You can erase all the memory bytes by executing the erase sector
operation in a sector or the erase bulk operation throughout the entire memory
1.7.10. Extended Dual Input Fast Write Bytes Operation (D2h)
This operation is similar to the write bytes operation except that the data and
addresses are shifted in on the DATA0 and DATA1 pins.
Figure 16.
Extended Dual Input Fast Write Bytes Timing Diagram
To access the entire EPCQ256 or EPCQ512/A memory, use 4-byte addressing mode. In the 4-byte addressing
mode, the address width is 32-bit address.
2
1
3
9 10 11 12 13 14
0
14 12 10 8
DCLK
DATA0
nCS
DATA1
Operation Code (D2h)
DCLK
DATA0
nCS
DATA1
33
21 22 23 24 25 26 27 28 29 30 31 32
1 7 5
1
3
7 5
1
0
4
0
2
15 16 17 18 19 20
23 21 19 17 15 13 11 9 7
1
22 20 18 16
6
0
24-bitAddress
34
MSB
35
0
7
1
MSB
MSB
MSB
Data In 4
Data In 1
Data In 3
Data In 2
6 4
0
2
1
MSB
Data In 256
18 19 20
2
4
5 3
4 5 6 7 8
5 3
7 5 3
3
6 4 2
6 4 2
6 4 2 0 6
7 5 3
1.7.11. Extended Quad Input Fast Write Bytes Operation (12h or 38h)
This operation is similar to the extended dual input fast write bytes operation except
that the data and addresses are shifted in on the DATA0, DATA1, DATA2, and DATA3
pins.
1. Quad-Serial Configuration (EPCQ) Devices Datasheet
CF52012 | 2018.06.01
Quad-Serial Configuration (EPCQ) Devices Datasheet
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com