Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE52RC Datasheet(PDF) 20 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 20 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 16Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 17Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 18Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 19Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 20Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 21Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 22Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 23Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 24Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 165 page
background image
2.2.4 Software RESET
Writing an “1” to SWRST bit in ISP_CONTR register will generate a internal reset.
ISP_CONTR: ISP/IAP Control Register
LSB
bit
B7
B6
B5
B4
B3
B2B1B0
name
ISPEN
SWBS
SWRST
-
-
WT2 WT1 WT0
ISPEN : ISP/IAP operation enable.
0 : Global disable all ISP/IAP program/erase/read function.
1 : Enable ISP/IAP program/erase/read function.
SWBS: software boot selection control.
0 : Boot from main-memory after reset.
1 : Boot from ISP memory after reset.
SWRST: software reset trigger control.
0 : No operation
1 : Generate software system reset. It will be cleared by hardware automatically.
B4 ~ B3: Reserved.
WT2~WT0 : ISP/IAP waiting time selection while flash is busy.
2.2.5 MAX810 power-on-reset delay
There is another on-chip POR delay circuit is integrated on STC89xx. This circuit is MAX810—sepcial reset
circuit and is controlled by configuring flash Option Register. Very long POR delay time – around 400ms will be
generated by this circuit once it is enabled.
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com