Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE52RC Datasheet(PDF) 22 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 22 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 18Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 19Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 20Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 21Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 22Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 23Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 24Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 25Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 26Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 165 page
background image
3.2 Data Memory
3.2.1 On-chip Scratch-Pad RAM
Just the same as the conventional 8051 micro-controller, there are 256 bytes of SRAM data memory including
128 bytes of SFR space available on the STC89xx series. The lower 128 bytes of data memory may be accessed
through both direct and indirect addressing. The upper 128 bytes of data memory and the 128 bytes of SFR
space share the same address space. The upper 128 bytes of data memory may only be accessed using indirect
addressing. The 128 bytes of SFR can only be accessed through direct addressing. The lowest 32 bytes (00H~1FH)
of data memory are grouped into 4 banks of 8 registers each. Program instructions call out these registers as R0
through R7. The RS0 and RS1 bits in PSW register(refer to section 3.2.4) select which register bank is in use.
Instructions using register addressing will only access the currently specified bank.This allows more efficient use
of code space, since register instructions are shorter than instructions that use direct addressing. The next 16 bytes
(20H~2FH) above the register banks form a block of bit-addressable memory space. The 80C51 instruction set
includes a wide selection of single-bit instructions, and the 128 bits in this area can be directly addressed by these
instructions. The bit addresses in this area are 00H through 7FH.
All of the bytes in the Lower 128 can be accessed by either direct or indirect addressing while the Upper 128
can only be accessed by indirect addressing. SFRs include the Port latches, timers, peripheral controls, etc.
These registers can only be accessed by direct addressing. Sixteen addresses in SFR space are both byte- and bit-
addressable. The bit-addressable SFRs are those whose address ends in 0H or 8H.
3.2.2 Auxiliary RAM
There are 1024 bytes of additional data RAM available on STC89C54RD+ series (while 256 bytes of additional
data RAM are available on STC89C51RC). They may be accessed by the instructions MOVX @Ri or MOVX
@DPTR. A control bit – EXTRAM located in AUXR.1 register (refer to section 3.2.4) is to control access of
auxiliary RAM. When set, disable the access of auxiliary RAM. When clear (EXTRAM=0), this auxiliary RAM
is the default target for the address range from 0x0000 to 0x03FF and can be indirectly accessed by move external
instruction, “MOVX @Ri” and “MOVX @DPTR”. If EXTRAM=0 and the target address is over 0x03FF,
switches to access external RAM automatically. When EXTRAM=0, the content in DPH is ignored when the
instruction MOVX @Ri is executed.
For KEIL-C51 compiler, to assign the variables to be located at Auxiliary RAM, the “pdata” or “xdata” definition
should be used. After being compiled, the variables declared by “pdata” and “xdata” will become the memories
accessed by “MOVX @Ri” and “MOVX @DPTR”, respectively. Thus the STC89xx series MCU hardware can
access them correctly.
3.2.3 External RAM
There is 64K-byte addressing space available for STC89xx series to access external data RAM. Just the same as
the design in the conventional 8051, the port – P2, P0, ALE, P3.6 and P3.7 have alterative function for external
data RAM access. To access the external data memory, the EXTRAM bit should be set to 1. Accesses to external
data memory can use either a 16-bit address (using ‘MOVX @DPTR’) or an 8-bit address (using ‘MOVX @Ri’).
8-bit addresses are often used in conjunction with one or more other I/O lines to page the RAM. If an 8-bit
address is being used, the contents of the Port 2 SFR remain at the Port 2 pins throughout the external memory
cycle. This will facilitate paging access. 16-bit addresses are often used to access up to 64K bytes of external data
memory.
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com