Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE52RC Datasheet(PDF) 92 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 92 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 88Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 89Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 90Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 91Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 92Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 93Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 94Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 95Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 96Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 165 page
background image
Interrupt
SYSclk
TL0
(5 Bits)
TH0
(8 bits)
TF0
control
C/T=0
C/T=1
T0 Pin
TR0
GATE
INT0
÷12
÷6
MCU in 6T mode
Timer/Counter 0 Mode 0: 13-Bit Counter
MCU in 12T mode
Mode 1
In this mode, the timer register is configured as a 16-bit register. As the count rolls over from all 1s to all 0s, it
sets the timer interrupt flag TF0. The counted input is enabled to the timer when TR0 = 1 and either GATE=0 or
INT0 = 1.(Setting GATE = 1 allows the Timer to be controlled by external input INT0 , to facilitate pulse width
measurements.) TR0 is a control bit in the Special Function Register TCON. GATE is in TMOD.
The 16-Bit register consists of all 8 bits of TH0 and the lower 8 bits of TL0. Setting the run flag (TR0) does not
clear the registers.
Mode 1 is the same as Mode 0, except that the timer register is being run with all 16 bits.
Interrupt
SYSclk
TL0
(8 Bits)
TH0
(8 bits)
TF0
control
C/T=0
C/T=1
T0 Pin
TR0
GATE
INT0
MCU in 12T mode
÷12
÷6
MCU in 12T mode
Timer/Counter 0 Mode 1 : 16-Bit Counter
Mode 0
In this mode, the timer register is configured as a 13-bit register. As the count rolls over from all 1s to all 0s, it
sets the timer interrupt flag TF0. The counted input is enabled to the timer when TR0 = 1 and either GATE=0 or
INT0 = 1.(Setting GATE = 1 allows the Timer to be controlled by external input INT0 , to facilitate pulse width
measurements.) TR0 is a control bit in the Special Function Register TCON. GATE is in TMOD.
The 13-Bit register consists of all 8 bits of TH0 and the lower 5 bits of TL0. The upper 3 bits of TL0 are
indeterminate and should be ignored. Setting the run flag (TR0) does not clear the registers.
There are two different GATE bits. one for Timer 1 (TMOD.7) and one for Timer 0 (TMOD.3).
7.1 Timer/Counter 0 Mode of Operation
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com