Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE52RC Datasheet(PDF) 66 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 66 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 62Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 63Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 64Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 65Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 66Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 67Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 68Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 69Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 70Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 165 page
background image
MOVX A,@DPTR
Bytes:
1
Cycles:
2
Encoding:
1 1 1 0
0 0 0 0
Operation:
MOVX
(A) ← ((DPTR))
← ((DPTR))
((DPTR))
MOVX
@Ri, A
Bytes:
1
Cycles:
2
Encoding:
1 1 1 1
0 0 1 i
Operation:
MOVX
((Ri))← (A)
← (A)
(A)
MOVX
@DPTR, A
Bytes:
1
Cycles:
2
Encoding:
1 1 1 1
0 0 0 0
Operation:
MOVX
(DPTR)←(A)
←(A)
(A)
MUL AB
Function:
Multiply
Description:
MUL AB multiplies the unsigned eight-bit integers in the Accumulator and register B. The
low-order byte of the sixteen-bit product is left in the Accumulator, and the high-order byte
in B. If the product is greater than 255 (0FFH) the overflow flag is set; otherwise it is cleared.
The carry flag is always cleared
Example:
Originally the Accumulator holds the value 80 (50H). Register B holds the value 160
(0A0H). The instruction,
MUL AB
will give the product 12,800 (3200H), so B is changed to 32H (00110010B) and the
Accumulator is cleared. The overflow flag is set, carry is cleared.
Bytes:
1
Cycles:
4
Encoding:
1 0 1
0
0 1 0 0
Operation:
MUL
(A)
7-0 ← (A)×(B)
(A)×(B)
(B)
15-8
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com