Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE52RC Datasheet(PDF) 62 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 62 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 58Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 59Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 60Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 61Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 62Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 63Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 64Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 65Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 66Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 165 page
background image
MOV
direct, A
Bytes:
2
Cycles:
1
Encoding:
1 1 1 1
0 1 0 1
direct address
Operation:
MOV
(direct) ← (A)
← (A)
(A)
MOV
direct, Rn
Bytes:
2
Cycles:
2
Encoding:
1 0 0 0
1 r r r
direct address
Operation:
MOV
(direct) ← (Rn)
← (Rn)
(Rn)
MOV direct, direct
Bytes:
3
Cycles:
2
Encoding:
1 0 0 0
0 1 0 1
dir.addr. (src)
Operation:
MOV
(direct)← (direct)
← (direct)
(direct)
MOV direct, @Ri
Bytes:
2
Cycles:
2
Encoding:
1 0 0 0
0 1 1 i
direct addr.
Operation:
MOV
(direct)←((Ri))
←((Ri))
((Ri))
MOV
direct,#data
Bytes:
3
Cycles:
2
Encoding:
0 1 1 1
0 1 0 1
direct address
Operation:
MOV
(direct) ← #data
← #data
#data
MOV
@Ri, A
Bytes:
1
Cycles:
1
Encoding:
1 1 1 1
0 1 1 i
Operation:
MOV
((Ri)) ← (A)
← (A)
(A)
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com