Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE52RC Datasheet(PDF) 4 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 4 Page - STCmicro Technology Co,.Ltd

  STC89LE52RC Datasheet HTML 1Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 2Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 3Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 4Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 5Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 6Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 7Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 8Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 9Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 165 page
background image
1.1 Features
Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
Operation voltage range: 5.5V~3.3V (STC89C series) or 2.0V~ 3.6V (STC89LE series)
Operation frequency range: 0- 48MHz@12T, or 0-24MHz@6T
On-chip 4/8/13/16/20/32/64K FLASH program memory with flexible ISP/IAP capability
On-chip 1280 byte / 512 byte RAM
Be capable of addressing up to 64K byte of external RAM
Be capable of addressing up to 64K bytes external memory
Dual Data Pointer (DPTR) to speed up data movement
Three 16-bit timer/counter, Timer 2 is an up/down counter with programmable clcok output on P1.0
8 vector-address, 4 level priority interrupt capability
One enhanced UART with hardware address-recognition, frame-error detection function, and with self baud-
rate generator.
One 15 bits Watch-Dog-Timer with 8-bit pre-scaler (one-time-enabled)
integrate MAX810 — specialized reset circuit
Three power management modes: idle mode and power-down mode
Low EMI: inhibit ALE emission
Power down mode can be woken-up by INT0/P3.2 pin, INT1/P3.3 pin, T0/P3.4, T1/P3.5, RXD/P3.0 pin,
INT2/P4.3, INT3/P4.2
Maximum 39 programmable I/O ports are available
Four 8-bit bi-directonal ports; extra four-bit additional P4 are available for PLCC-44 and LQFP-44
Operating temperature: -40 ~ +85oC (industrial) / 0~75oC (commercial)
package type :PQFP-44,LQFP-44,PDIP-40,PLCC-44
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Chapter 1 Introduction
STC89xx series, which is produced by STC MCU Limited, is a 8-bit single-chip microcontroller with a fully
compatible instruction set with industrial-standard 80C51 series microcontroller. There is 64K bytes flash
memory embeded for appliaction program, which is shared with In-System-Programming code.In-System-
Programming (ISP) and In-Application-Programming (IAP) support the users to upgrade the program and data
in system. ISP allows the user to download new code without removing the microcontroller from the actual end
product;IAP means that the device can write non-valatile data in Flash memory while the application program
is running. There are 1280 bytes or 512 bytes on-chip RAM embedded that provides requirement from wide
field application. The user can configure the device to run in 12 clocks per machine cycle, and to get the same
performance just as he uses another standard 80C51 device that is provided by other vendor, or 6 clocks per
machine cycle to achieve twice performance. The STC89xx series retain all features of the standard 80C51. In
addition, the STC89xx series have a extra I/O port (P4 ), Timer 2, a 8-sources, 4-priority-level interrupt structure,
on-chip crystal oscillator,and a one-time enabled Watchdog Timer.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com